Electronic Components Datasheet Search
  English  ▼

X  

PQ Datasheet(PDF) 1 Page - Hirose Electric

Part # PQ
Description  High Power/Signal Connectors for Industrial Machinery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PQ Datasheet(HTML) 1 Page - Hirose Electric

  PQ_18 Datasheet HTML 1Page - Hirose Electric PQ_18 Datasheet HTML 2Page - Hirose Electric PQ_18 Datasheet HTML 3Page - Hirose Electric PQ_18 Datasheet HTML 4Page - Hirose Electric PQ_18 Datasheet HTML 5Page - Hirose Electric PQ_18 Datasheet HTML 6Page - Hirose Electric PQ_18 Datasheet HTML 7Page - Hirose Electric PQ_18 Datasheet HTML 8Page - Hirose Electric PQ_18 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2017.3
③
High Power/Signal Connectors for Industrial Machinery
PQ Series
■Features
PQ50 and PQ50S Series [ Non water-resistant type ]
1. Side locking spring structure delivers a clear tactile
click.
The left and right buttons disengage the mated lock.
(Side locking system). The easy mating operation delivers a clear
tactile click. (Fig.1)
2. Strengthened cable clamps
Cable clamp strength is 98N or more. (* Actual is 400N or more.)
The structure will prevent the mated connecter and clamp from
detaching against excessive forces.
3. Different cover options
A robust, enhanced, shielded die-cast shell is available on the PQ50
series or a engineered, light weight plated plastic resin shell for the
PQ50S series.
The die cast shell delivers an enhanced EMI shield on the PQ50
series and the plated plastic resin of the PQ50S series’ cover case
and panel shell ensure ESD and EMI performance.
4. Coding key system provides flexibility with multiple options
The coding key system prevents incorrect mating and has multiple
variations available.
5. Rear mounted panel shell is available.
After attaching the panel shell to the chassis, it is possible to install
or remove the crimp housing. (Fig.2)
6. Reliable ground connection structure.
The crimp contacts can be mounted directly onto the panel shell
with screws which enhances the grounding connections. (Fig.3)
7. Supports NFPA79 compliant cables (with 600V capability).
(PQ50 Series)
Due to restrictions on the AWM cables by NFPA79 revision, the
requirements of listed cables has increased for wires used in
industrial machines in the U.S.A. This product complies with the
restrictions and requirements of NFPA79.
■General
The PQ series is an interface connector designed to
handle high power/signal connections in industrial
machinery. Available in a water-resistant or non-water-
resistant type, they are capable of handling up to 12.5A/
pin (PQ50S and PQ50W) or 19A/pin (PQ50).
Variations
Non water-resistant 20 position type
Contact (19A/pin) type
Non water-resistant 48 position type
Contact (12.5A/pin) type
Water-resistant 50 pos. type
Contact (12.5A/pin) type
Side locking structure emits a tactile click and produces a secure lock
It is possible to insert the terminated housing from the rear
Easy and reliable ground connection
Easy extraction
Panel Shell
Housing
M3 Screw
Chassis Panel
Female Contact
JIS C2805
(R type, N type)
or equivalent
Clear tactile
click!
Fig.3
Fig.2
Fig.1
PQ50W
PQ50S
PQ50
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - PQ_18

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ018 PICO-PQ018 Datasheet
5Mb / 27P
Ultra-compact PC oscilloscopes
2021
logo
Sharp Corporation
PQ018EF01SZH SHARP-PQ018EF01SZH Datasheet
177Kb / 6P
TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ018EF02SZH SHARP-PQ018EF02SZH Datasheet
163Kb / 5P
TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ018EH01ZPH SHARP-PQ018EH01ZPH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQ018EH01ZZH SHARP-PQ018EH01ZZH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ_18

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
Power Supply Connectors For Industrial Equipment
logo
Panasonic Battery Group
APT1211 PANASONICBATTERY-APT1211 Datasheet
148Kb / 7P
Phototriac Coupler for the Industrial Machinery, Consumer Electronics, and SSR Markets
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
Waterproof In-line Connector for Industrial Machinery
logo
Visual Communications C...
PCL22 VCC-PCL22 Datasheet
443Kb / 4P
Industrial Machinery
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
logo
Skynet Electronic Copyr...
SNP-BXX SKYNET-SNP-BXX Datasheet
416Kb / 4P
Machinery Power
logo
Schaffner International...
FN-3256 SCHAFFNER-FN-3256 Datasheet
572Kb / 4P
Compact Line Filter for Industrial Machinery/Equipment
FN-3280 SCHAFFNER-FN-3280 Datasheet
566Kb / 4P
High-end Line Filter for Machinery/Equipment
logo
ABB
ACS355 ABB-ACS355 Datasheet
109Kb / 2P
ABB machinery drives ABB machinery drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com