Electronic Components Datasheet Search
  English  ▼

X  

PQ Datasheet(PDF) 7 Page - Hirose Electric

Part # PQ
Description  High Power/Signal Connectors for Industrial Machinery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PQ Datasheet(HTML) 7 Page - Hirose Electric

Back Button PQ_18 Datasheet HTML 3Page - Hirose Electric PQ_18 Datasheet HTML 4Page - Hirose Electric PQ_18 Datasheet HTML 5Page - Hirose Electric PQ_18 Datasheet HTML 6Page - Hirose Electric PQ_18 Datasheet HTML 7Page - Hirose Electric PQ_18 Datasheet HTML 8Page - Hirose Electric PQ_18 Datasheet HTML 9Page - Hirose Electric PQ_18 Datasheet HTML 10Page - Hirose Electric PQ_18 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
PQ Series●High Power/Signal Connectors for Industrial Machinery
■Panel mount receptacle PQ50 Series
■Crimp case (19A/pin, for female contact)
■Cable Plug PQ50 Series
■Crimp case (19A/pin, for male contact)
■Panel Shell
■Plug Cover case
Part No.
HRS No.
Packaging
PQ50-20S
236-2014-2 00
50 pcs/box
PQ50-20S(01)
236-2014-2 01
1 pcs/box
Part No.
HRS No.
Packaging
PQ50-20S-FL
236-2001-0 00
50 pcs/box
PQ50-20S-FL(01)
236-2001-0 01
1 pcs/box
Part No.
HRS No.
Packaging
PQ50-20P
236-2011-4 00
50 pcs/box
PQ50-20P(01)
236-2011-4 01
1 pcs/box
Part No.
HRS No.
Packaging
PQ50-20P-PC
236-2000-8 00
50 pcs/box
PQ50-20P-PC(01)
236-2000-8 01
1 pcs/box
R2MAX
28.4±0.3
40.6±0.3
51.5±0.1
R2MAX
2-Ø4.3±0.2
46.6
38.6
19.4
3
10.7
63
51.5
48
38.6
27.2(intersection)
38.4
48
2-M4×0.7(through hole)
2-M3×0.5(through hole)
Recommended panel dimensions for attaching
panel shell from panel’s back side.
Recommended panel dimensions for attaching
panel shell from panel’s front side.
PQ50-20S
27.8
25.6
13
1.7
27.1
18.4
9.2
(P=4.6)
(39.4)
PQ50-20P
1
2
3
4
E
D
C
B
A
4
3
2
1
A
B
C
D
E
33.3
27
18.4
9.2
(P=4.6)
(48.8)
2
JIS B 1188 M4×0.7×16
M4×0.7
27
34.2
42.8
48.8
33.2
28
17.6
M4×0.7×8.1
Ø4.3
R12.5
M4×0.7×9
51.5±0.1
48.6±0.3
40.6±0.3
2-M3×0.5
(through hole)
R2MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com