Electronic Components Datasheet Search
  English  ▼

X  

PQ Datasheet(PDF) 12 Page - Hirose Electric

Part # PQ
Description  High Power/Signal Connectors for Industrial Machinery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PQ Datasheet(HTML) 12 Page - Hirose Electric

Back Button PQ_18 Datasheet HTML 8Page - Hirose Electric PQ_18 Datasheet HTML 9Page - Hirose Electric PQ_18 Datasheet HTML 10Page - Hirose Electric PQ_18 Datasheet HTML 11Page - Hirose Electric PQ_18 Datasheet HTML 12Page - Hirose Electric PQ_18 Datasheet HTML 13Page - Hirose Electric PQ_18 Datasheet HTML 14Page - Hirose Electric PQ_18 Datasheet HTML 15Page - Hirose Electric PQ_18 Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
PQ Series●High Power/Signal Connectors for Industrial Machinery
Crimp Contacts
■Male contact (19A/pin type)
■Female contact (19A/pin) type
Part No.
HRS No.
Packaging
Applicable Cables
PQ50 -15PCFA(Note) 236-2016-8 00 3,500 pcs/reel 14 to 15 AWG (UL1015) insulator outer diameter max. Ø3.3mm
PQ50A-15PCFA
236-2073-1 00 3,500 pcs/reel 14 to 15 AWG (UL1015) insulator outer diameter max. Ø3.3mm
PQ50 -1618PCFA
236-2006-4 00 3,500 pcs/reel 16 to 18 AWG (UL1007, UL1015), insulator outer diameter max. Ø3.3mm
PQ50A-1618PCFA
236-2007-7 00 3,500 pcs/reel 16 to 18 AWG (UL1007, UL1015), insulator outer diameter max. Ø3.3mm
PQ50 -2022PCFA
236-2031-1 00 3,500 pcs/reel 20 to 22 AWG (UL1007, UL1015), insulator outer diameter max. Ø2.7mm
PQ50A-2022PCFA
236-2032-4 00 3,500 pcs/reel 20 to 22 AWG (UL1007, UL1015), insulator outer diameter max. Ø2.7mm
PQ50 -15PCA
236-2037-8 00 100 pcs/pack 14 to 15 AWG insulator outer diameter max. Ø3.3mm
PQ50A-15PCA
236-2073-1 00 100 pcs/pack 14 to 15 AWG insulator outer diameter max. Ø3.3mm
PQ50 -1618PCA
236-2038-0 00 100 pcs/pack 16 to 18 AWG (UL1007, UL1015), insulator outer diameter max. Ø3.3mm
PQ50A-1618PCA
236-2040-2 00 100 pcs/pack 16 to 18 AWG (UL1007, UL1015), insulator outer diameter max. Ø3.3mm
PQ50 -2022PCA
236-2039-3 00 100 pcs/pack 20 to 22 AWG (UL1007, UL1015), insulator outer diameter max. Ø2.7mm
PQ50A-2022PCA
236-2041-5 00 100 pcs/pack 20 to 22 AWG (UL1007, UL1015), insulator outer diameter max. Ø2.7mm
Note : Please see ATAI-E2926 for the details of UL1015 14 AWG cable crimping.
Part No.
HRS No.
Packaging
Applicable Cables
PQ50-15SCFA(Note) 236-2017-0 00 3,500 pcs/reel 14 to 15 AWG (UL1015) insulator outer diameter max. Ø3.3mm
PQ50-1618SCFA
236-2008-0 00 3,500 pcs/reel 14 to 15 AWG (UL1007, UL1015), insulator outer diameter max. Ø3.3mm
PQ50-2022SCFA
236-2010-1 00 3,500 pcs/reel 20 to 22 AWG (UL1007, UL1015), insulator outer diameter max. Ø2.7mm
PQ50-15SCA
236-2043-0 00 100 pcs/pack 14 to 15 AWG (UL1007, UL1015), insulator outer diameter max. Ø3.3mm
PQ50-1618SCA
236-2044-3 00 100 pcs/pack 16 to 18 AWG (UL1007, UL1015), insulator outer diameter max. Ø3.3mm
PQ50-2022SCA
236-2045-6 00 100 pcs/pack 20 to 22 AWG (UL1007, UL1015), insulator outer diameter max. Ø2.7mm
Note : Please see ATAI-E3038 for the details of UL1015 14 AWG cable crimping.
0.9
3.8
2.2
3
0.9
3.8
2.2
3
PQ50-**PC*A
PQ50A-**PC*A
2.9
3.9
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com