Electronic Components Datasheet Search
  English  ▼

X  

PQ Datasheet(PDF) 2 Page - Hirose Electric

Part # PQ
Description  High Power/Signal Connectors for Industrial Machinery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PQ Datasheet(HTML) 2 Page - Hirose Electric

  PQ_18 Datasheet HTML 1Page - Hirose Electric PQ_18 Datasheet HTML 2Page - Hirose Electric PQ_18 Datasheet HTML 3Page - Hirose Electric PQ_18 Datasheet HTML 4Page - Hirose Electric PQ_18 Datasheet HTML 5Page - Hirose Electric PQ_18 Datasheet HTML 6Page - Hirose Electric PQ_18 Datasheet HTML 7Page - Hirose Electric PQ_18 Datasheet HTML 8Page - Hirose Electric PQ_18 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PQ Series●High Power/Signal Connectors for Industrial Machinery
Panel Side:Male Cont.
Plug Side
: Female Cont.
[Water-resistant type] PQ50W Series
1. Water resistant (IP65)
Rated at IP65 when in the mated condition.
2. Special locking structure.
Special lever and cam structure delivers easier operation and assists
with the insertion and extraction of this connector. (Fig.1)
3. Rear mounted unit offers easy operations.
Male and Female plastic crimp case can be installed not only for
panel side metal shell but also plug side one. (Fig.2)
4. Metal plated cover of engineering plastic resin adds
strength and EMI protection.
This robust connector uses a metal plated material of special
engineering plastic for the cover and panel shell to ensure high ESD
and EMI performance.
5. Independent ground contact structure.
Secure grounding is accomplished by use of the plated plastic cover
and the independent ground contacts. (Fig.3)
6. Coding key system provides flexibility with multiple options
The coding key system prevents incorrect mating and has
multiple variations available.
[Contact variations]
1. Available contact options
Two styles are available; one with 19A/pin contacts or one with
12.5A/pin contacts.
2. Lance protection structure
The side wall of the contact prevents lance deformation and helps to
prevent tangled wires. (Fig.4)
3. Sequential contacts of different length are available
Two types of different contact length are available for the male
contact. (Fig.5)
4. Highly reliable contact structure
The female contact assures a reliable connection by using multiple
contact points and a unique spring structure. (Fig.6)
Special locking structure with lever
Fig.1
Supports mounting from the backside of the panel
Fig.2
Panel Side
Panel Side:Female Cont.
Plug Side
: Male Cont.
Plug Side
Independent Ground Contacts
Fig.3
Independent Ground Contacts
Lance Protection Structure
Fig.4
[ 19A/pin type ]
Male contact
[ 12.5A/pin type ]
Male contact
Lance
Lance
Female contact
Female contact
Lance protection guard
Lance protection guard
Different length sequential contacts
Fig.5
Highly Reliable Contact Structure
Fig.6
Spring Deflection
[ 19A/pin type ]
[ 19A/pin type ]
3 Point Contact
Sequence Contact
(Long)
Sequence Contact
(Long)
Standard Contact
Standard Contact
[ 12.5A/pin type ]
[ 12.5A/pin type ]
2 Point Contact
Two types of contacts can be
used depending on application
1.2mm
1.2mm
Spring Deflection
Multiple contact points and very flexible spring
design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com