Electronic Components Datasheet Search
  English  ▼

X  

PQ Datasheet(PDF) 9 Page - Hirose Electric

Part # PQ
Description  High Power/Signal Connectors for Industrial Machinery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PQ Datasheet(HTML) 9 Page - Hirose Electric

Back Button PQ_18 Datasheet HTML 5Page - Hirose Electric PQ_18 Datasheet HTML 6Page - Hirose Electric PQ_18 Datasheet HTML 7Page - Hirose Electric PQ_18 Datasheet HTML 8Page - Hirose Electric PQ_18 Datasheet HTML 9Page - Hirose Electric PQ_18 Datasheet HTML 10Page - Hirose Electric PQ_18 Datasheet HTML 11Page - Hirose Electric PQ_18 Datasheet HTML 12Page - Hirose Electric PQ_18 Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
PQ Series●High Power/Signal Connectors for Industrial Machinery
22
M4×0.7
JIS B 1188 M4×0.7×12
37.16
45.4
27
2-4.4
■Panel mount receptacle PQ50S Series
■Crimp cace (12.5A/pin, for female contact)
■Clamp metal common for PQ50 and PQ50S Series
■Clamp metal for Ø15.0mm cable type
■Panel Shell
■Clamp metal for Ø22.0mm cable type
PQ50S-48S
A
B
C
D
E
F
G
H
1
2
3
4
5
6
27.95
25.75
13.15
1.7
34.1
(46.4)
26.25
18.75
11.25
P=3.75
58.5±0.1
36.3±0.3
47.6±0.3
R2 MAX
R2 MAX
R2 MAX
2-M3×0.7 (through hole)
R2MAX
58.5±0.1
59.6±0.3
47.6±0.3
R2MAX
Recommended panel dimensions for attaching
panel shell from panel’s back side.
Recommended panel dimensions for attaching
panel shell from panel’s front side.
45.6
14.8
7.6
10.7
57.6
69.7
35.1 (intersection)
49.4
56 (intersection)
58.5
56
(intersection)
45.6
Part No.
HRS No.
Packaging
PQ50S-48S
236-2024-6 00
60 pcs/box
PQ50S-48S(01)
236-2024-6 01
1 pcs/box
Part No.
HRS No.
Packaging
PQ50S-48S-FLM
236-2004-9 00
60 pcs/box
PQ50S-48S-FLM(01)
236-2004-9 01
1 pcs/box
Part No.
HRS No.
Packaging
PQ-CM(15.0)
236-2005-1 00
60 pcs/box
PQ-CM(15.0)(01)
236-2005-1 01
1 pcs/box
Part No.
HRS No.
Packaging
PQ-CM(22.0)
236-2013-0 00
50 pcs/box
PQ-CM(22.0)(01)
236-2013-0 01
1 pcs/box
M4×0.7
JIS B 1188 M4×0.7×12
37.16
45.4
23.5
(intersection)
2-4.4
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com