Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 32 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 32 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 28Page - OKI electronic componets ML9042 Datasheet HTML 29Page - OKI electronic componets ML9042 Datasheet HTML 30Page - OKI electronic componets ML9042 Datasheet HTML 31Page - OKI electronic componets ML9042 Datasheet HTML 32Page - OKI electronic componets ML9042 Datasheet HTML 33Page - OKI electronic componets ML9042 Datasheet HTML 34Page - OKI electronic componets ML9042 Datasheet HTML 35Page - OKI electronic componets ML9042 Datasheet HTML 36Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
32/58
Instruction Codes
An instruction code is a signal sent from the CPU to access the ML9042. The ML9042 starts operation as
instructed by the code received. The busy status of the ML9042 is rather longer than the cycle time of the CPU,
since the internal processing of the ML9042 starts at a timing which does not affect the display on the LCD. In the
busy status (Busy Flag is “1”), the ML9042 cannot input the Busy Flag Read instruction only. Therefore, the CPU
should ensure that the Busy Flag is “0” before sending an instruction code to the ML9042.
1) Display Clear
RS1
1
RS0
0
R/
W
0
DB7
0
DB6
0
DB5
0
DB4
0
DB3
0
DB2
0
DB1
0
DB0
1
Instruction Code:
When this instruction is executed, the LCD display including arbitrator display is cleared and the I/D entry
mode is set to “Increment”. The value of “S” (Display shifting) remains unchanged. The position of the cursor
or blink being displayed moves to the left end of the LCD (or the left end of the line 1 in the 2-line display
mode).
Note:
All DDRAM and ABRAM data turn to “20” and “00” in hexadecimal, respectively. The value of the
address counter (ADC) turns to the one corresponding to the address “00” (hexadecimal) of the
DDRAM.
The execution time of this instruction is 1.52 ms (maximum) at an oscillation frequency of 270 kHz.
2) Cursor Home
RS1
1
RS0
0
R/
W
0
DB7
0
DB6
0
DB5
0
DB4
0
DB3
0
DB2
0
DB1
1
DB0
×
Instruction code:
×: Don’t Care
When this instruction is executed, the cursor or blink position moves to the left end of the LCD (or the left end
of line 1 in the 2-line display mode). If the display has been shifted, the display returns to the original display
position before shifting.
Note:
The value of the address counter (ADC) goes to the one corresponding to the address “00”
(hexadecimal) of the DDRAM).
The execution time of this instruction is 1.52 ms (maximum) at an oscillation frequency of 270 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com