Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 8Page - OKI electronic componets ML9042 Datasheet HTML 9Page - OKI electronic componets ML9042 Datasheet HTML 10Page - OKI electronic componets ML9042 Datasheet HTML 11Page - OKI electronic componets ML9042 Datasheet HTML 12Page - OKI electronic componets ML9042 Datasheet HTML 13Page - OKI electronic componets ML9042 Datasheet HTML 14Page - OKI electronic componets ML9042 Datasheet HTML 15Page - OKI electronic componets ML9042 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
12/58
2) READ MODE (Timing for output to the CPU)
(VDD = 2.7 to 4.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
RW/SI, RS1, RS0/CSB Setup Time
tB
40
—
—
ns
E/SHTB Pulse Width
tW
450
—
—
ns
RW/SI, RS1, RS0/CSB Hold Time
tA
10
—
—
ns
E/SHTB Rise Time
tr
—
—
125
ns
E/SHTB Fall Time
tf
—
—
125
ns
E/SHTB Pulse Width
tL
430
—
—
ns
E/SHTB Cycle Time
tC
1000
—
—
ns
DB0(SO) to DB7 Output Data Delay Time
tD
—
—
350
ns
DB0(SO) to DB7 Output Data Hold Time
tO
20
—
—
ns
Note: A load capacitance of each of DB0(SO) to DB7 must be 50 pF or less.
(VDD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
RW/SI, RS1, RS0/CSB Setup Time
tB
40
—
—
ns
E/SHTB Pulse Width
tW
220
—
—
ns
RW/SI, RS1, RS0/CSB Hold Time
tA
10
—
—
ns
E/SHTB Rise Time
tr
—
—
125
ns
E/SHTB Fall Time
tf
—
—
125
ns
E/SHTB Pulse Width
tL
220
—
—
ns
E/SHTB Cycle Time
tC
500
—
—
ns
DB0(SO) to DB7 Output Data Delay Time
tD
—
—
250
ns
DB0(SO) to DB7 Output Data Hold Time
tO
20
—
—
ns
Note: A load capacitance of each of DB0(SO) to DB7 must be 50 pF or less.
RS1, RS0/CSB
VIH
VIL
VIH
VIL
VIH
VIH
VIL
VIL
VIL
VIH
VIH
0.8VDD
0.2VDD
0.8VDD
0.2VDD
RW/SI
E/SHTB
DB0(SO) to DB7
tL
tB
tW
tr
tf
tA
tO
tD
Output
Data
tC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com