Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 10Page - OKI electronic componets ML9042 Datasheet HTML 11Page - OKI electronic componets ML9042 Datasheet HTML 12Page - OKI electronic componets ML9042 Datasheet HTML 13Page - OKI electronic componets ML9042 Datasheet HTML 14Page - OKI electronic componets ML9042 Datasheet HTML 15Page - OKI electronic componets ML9042 Datasheet HTML 16Page - OKI electronic componets ML9042 Datasheet HTML 17Page - OKI electronic componets ML9042 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
14/58
FUNCTIONAL DESCRIPTION
Instruction Register (IR), Data Register (DR), and Expansion Instruction Register (ER)
These registers are selected by setting the level of the Register Selection input pins RS0/CSB and RS1. The DR is
selected when both RS0/CSB and RS1 are “H”. The IR is selected when RS0/CSB is “L” and RS1 is “H”. The ER
is selected when both RS0/CSB and RS1 are “L”. (When RS0/CSB is “H” and RS1 is “L”, the ML9042 is not
selected.)
The IR stores an instruction code and sets the address code of the display data RAM (DDRAM) or the character
generator RAM (CGRAM).
The microcontroller (CPU) can write but cannot read the instruction code.
The ER sets the display positions of the arbitrator and the address code of the arbitrator RAM (ABRAM).
The CPU can write but cannot read the display positions of the arbitrator.
The DR stores data to be written in the DDRAM, ABRAM and CGRAM and also stores data read from the
DDRAM, ABRAM and CGRAM.
The data written in the DR by the CPU is automatically written in the DDRAM, ABRAM or CGRAM.
When an address code is written in the IR or ER, the data of the specified address is automatically transferred from
the DDRAM, ABRAM or CGRAM to the DR. The data of the DDRAM, ABRAM and CGRAM can be checked
by allowing the CPU to read the data stored in the DR.
After the CPU writes data in the DR, the data of the next address in the DDRAM, ABRAM or CGRAM is selected
to be ready for the next writing by the CPU. Similarly, after the CPU reads the data in the DR, the data of the next
address in the DDRAM, ABRAM or CGRAM is set in the DR to be ready for the next reading by the CPU.
Writing in or reading from these 3 registers is controlled by changing the status of the RW/SI pin.
Table 1 RW/SI pin status and register operation
RW/SI
RS0/CSB
RS1
Operation
L
L
H
Writing in the IR
H
L
H
Reading the Busy flag (BF) and the address counter (ADC)
L
H
H
Writing in the DR
H
H
H
Reading from the DR
L
L
L
Writing in the ER
H
L
L
Disabled (Not in a busy state, not performing the reads.
Note that the data bus goes into a high impedance state.)
L
H
L
Disabled (Not in a busy state, not performing the writes)
H
H
L
Disabled (Not in a busy state, not performing the reads.
Note that the data bus goes into a high impedance state.)
Busy Flag (BF)
The status “1” of the Busy Flag (BF) indicates that the ML9042 is carrying out internal operation.
When the BF is “1”, any new instruction is ignored.
When RW/SI = “H”, RS0/CSB = “L” and RS1 = “H”, the data in the BF is output to the DB7.
New instructions should be input when the BF is “0”.
When the BF is “1”, the output code of the address counter (ADC) is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com