Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 5Page - OKI electronic componets ML9042 Datasheet HTML 6Page - OKI electronic componets ML9042 Datasheet HTML 7Page - OKI electronic componets ML9042 Datasheet HTML 8Page - OKI electronic componets ML9042 Datasheet HTML 9Page - OKI electronic componets ML9042 Datasheet HTML 10Page - OKI electronic componets ML9042 Datasheet HTML 11Page - OKI electronic componets ML9042 Datasheet HTML 12Page - OKI electronic componets ML9042 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
9/58
(GND = 0 V, VDD = 2.7 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
pins
Voltage Multiplier
Input Voltage
VMUL
Note 7
1.8
—
2.75
V
VIN
1/5
bias
4.3
—
(VDD–VIN)
× 2
Voltage Multiplier
Output Voltage
VOUT
VDD = 2.7 V, VIN = 2.25 V
f = 175 kHz
A capacitor for the voltage
multiplier = 1 to 4.7
µF
VOUT load current = 54 µA
BE = “H”
Applied to LCD bias
resistance of 10 k
Ω (TYP)
only
1/4
bias
4.3
—
(VDD–VIN)
× 2
V
VOUT
VLCD1
1/5
bias
2.7
—
5.5
Bias Voltage for
Driving LCD
VLCD2
V0–GND
Note 8
1/4
bias
2.7
—
5.5
V
V0
Note 1:
Applied to the voltage drop occurring between any of the V0, V1, V4 and GND pins and any of
the common pins (COM1 to COM17) when the current of 4 µA flows in or flows out at one
common pin.
Also applied to the voltage drop occurring between any of the V0, V2, V3A (V3B) and GND pins
and any of the segment pins (SEG1 to SEG100) when the current of 4 µA flows in or flows out at
one segment pin.
The current of 4
µA flows out when the output level is V
DD or flows in when the output level is
V5.
Note 2:
Applied to the current flowing into the VDD pin when the external clock (fOSC2 = fin = 270 kHz) is
fed to the internal Rf oscillation or OSC1 under the following conditions:
VDD = V0 = 5 V
GND = 0 V,
V1, V2, V3A (V3B) and V4: Open
E/SHTB and BE: “L” (fixed)
Other input pins: “L” or “H” (fixed)
Other output pins: No load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com