Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 10 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 6Page - OKI electronic componets ML9042 Datasheet HTML 7Page - OKI electronic componets ML9042 Datasheet HTML 8Page - OKI electronic componets ML9042 Datasheet HTML 9Page - OKI electronic componets ML9042 Datasheet HTML 10Page - OKI electronic componets ML9042 Datasheet HTML 11Page - OKI electronic componets ML9042 Datasheet HTML 12Page - OKI electronic componets ML9042 Datasheet HTML 13Page - OKI electronic componets ML9042 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
10/58
Note 3:
Note 4:
The wire between OSCR3 and OSC2, or between OSCR5
and OSC2 should be as short as possible. Keep open
between OSC1 and OSCR3, or between OSC1 and OSCR5.
The wire between OSC1 and Rf and the wire between
OSC2 and Rf should be as short as possible.
Keep OSCR3 and OSCR5 open.
OSC1
OSCR3
OSC2
OSC1
OSCR5
OSC2
OSCR3
OSCR5
OSC1
OSCR5
OSC2
Rf = 85 kΩ±2%
OSCR3
Note 5:
tHW
tLW
VDD
2
fIN
waveform
VDD
2
VDD
2
Applied to the pulses entering from the OSC1 pin
fduty = tHW/(tHW + tLW) ×100 (%)
Note 6:
0.8VDD
Applied to the pulses entering from the OSC1 pin
0.8VDD
0.2VDD
0.2VDD
trf
tff
Note 7:
The maximum value of the voltage multiplier input voltage should be set at 2.75 V, and the
minimum value of the voltage multiplier input voltage should be set by monitoring the voltage
of V0 in actual use so that the voltage multiplier output voltage meets the specification for the
bias voltage for driving LCD after contrast adjustment.
Note 8:
For 1/4 bias, V2 and V3B pins are short-circuited. V3A pin is open.
For 1/5 bias, V3A and V3B pins are short-circuited. V2 pin is open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com