Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 13Page - OKI electronic componets ML9042 Datasheet HTML 14Page - OKI electronic componets ML9042 Datasheet HTML 15Page - OKI electronic componets ML9042 Datasheet HTML 16Page - OKI electronic componets ML9042 Datasheet HTML 17Page - OKI electronic componets ML9042 Datasheet HTML 18Page - OKI electronic componets ML9042 Datasheet HTML 19Page - OKI electronic componets ML9042 Datasheet HTML 20Page - OKI electronic componets ML9042 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
17/58
2) Relationship between DDRAM addresses and display positions (2-line display mode)
In the 2-line mode, the ML9042 can display up to 40 characters (20 characters per line) from digit 1 to digit 20.
00 01 02 03 04
Digit
1
2
3
4
5
12 13
19 20
40 41 42 43 44
52 53
Line 1
Line 2
Display position
DD RAM
address (hexadecimal)
Note: The DDRAM address at digit 20 in the first line is not consecutive to the DDRAM address at
digit 1 in the second line.
When the display is shifted by instruction, the relationship between the LCD display position and the DDRAM
address changes as shown below:
27 00 01 02
Digit
1
23
4
11 12
19 20
67 40 41 42
51 52
Line 1
Line 2
01 02 03 04
Digit
1
23
4
13 14
19 20
41 42 43 44
03
5
43
05
5
45
53 54
Line 1
Line 2
(Display shifted to the right)
(Display shifted to the left)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com