Electronic Components Datasheet Search
  English  ▼

X  

CD1283 Datasheet(PDF) 1 Page - Intel Corporation

Part # CD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1283 Datasheet(HTML) 1 Page - Intel Corporation

  CD1283 Datasheet HTML 1Page - Intel Corporation CD1283 Datasheet HTML 2Page - Intel Corporation CD1283 Datasheet HTML 3Page - Intel Corporation CD1283 Datasheet HTML 4Page - Intel Corporation CD1283 Datasheet HTML 5Page - Intel Corporation CD1283 Datasheet HTML 6Page - Intel Corporation CD1283 Datasheet HTML 7Page - Intel Corporation CD1283 Datasheet HTML 8Page - Intel Corporation CD1283 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
CD1283
IEEE 1284-Compatible Parallel Interface
Datasheet
Product Features
Parallel Port (Peripheral-side)
High-speed, bidirectional, multi-protocol
parallel port:
s
Hardware implementation of all modes of
the IEEE STD (Standard) 1284
specification (including automatic
negotiation)
— Centronics-compatible mode
— Reverse Byte mode
— Reverse Nibble mode
— ECP (extended capabilities port) mode
with run-length encoding/decoding
— EPP (enhanced parallel port) mode
— Up to 2-Mbytes/sec. transfer rate in ECP
and EPP modes
s
64-byte parallel FIFO with DMA interface
— 64-byte FIFO can accommodate up to 4
Kbytes of compressed data with RLE
(run-length encoded) compression
enabled
s
Supports peripheral-side operation
s
Data and control input/output pads support
IEEE STD1284 level-2 interface
specification
s
CPU bus interface
— High-speed slave DMA handshake
interface
— Three clocks per word DMA transfers
— On-the-fly data compression using RLE
(run-length encoded) encoding and
decoding
s
8/16-bit data interface
— BYTESWAP input provides easy
interface to both Big- and Little-Endian
systems
— Vectored interrupts simplify interrupt
service routines
General
s
System clock up to 25 MHz
s
CMOS technology enables high speed and
low power
s
Available in a 100-pin MQFP package
As of May 2001, this document replaces the Basis
Communications Corp. document CL-CD1283 — IEEE 1284-Compatible Parallel Interface.
May 2001


Similar Part No. - CD1283

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CD1284 INTEL-CD1284 Datasheet
2Mb / 176P
IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
More results

Similar Description - CD1283

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
IEEE 1284 Transceiver
logo
Intel Corporation
CD1284 INTEL-CD1284 Datasheet
2Mb / 176P
IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
logo
California Micro Device...
PACZIG1284 CALMIRCO-PACZIG1284 Datasheet
350Kb / 8P
IEEE 1284 Parallel Port ESD/EMI/Eermination network
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
IEEE 1284 Transceiver
logo
California Micro Device...
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
Tripp Lite. All Rights ...
B170-002-R TRIPPLITE-B170-002-R Datasheet
495Kb / 2P
2-Port IEEE-1284 Parallel Printer Auto Sharing Switch
logo
Fairchild Semiconductor
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
IEEE 1284 Interface Design Solutions
logo
IOGEAR
GUC1284B IOGEAR-GUC1284B Datasheet
129Kb / 2P
USB to Parallel IEEE 1284 Printer Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com