Electronic Components Datasheet Search
  English  ▼

X  

CD1283 Datasheet(PDF) 29 Page - Intel Corporation

Part # CD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1283 Datasheet(HTML) 29 Page - Intel Corporation

Back Button CD1283 Datasheet HTML 25Page - Intel Corporation CD1283 Datasheet HTML 26Page - Intel Corporation CD1283 Datasheet HTML 27Page - Intel Corporation CD1283 Datasheet HTML 28Page - Intel Corporation CD1283 Datasheet HTML 29Page - Intel Corporation CD1283 Datasheet HTML 30Page - Intel Corporation CD1283 Datasheet HTML 31Page - Intel Corporation CD1283 Datasheet HTML 32Page - Intel Corporation CD1283 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
29
Figure 5. Interrupt Generation Logic (Continued)
A1284 signal transition
from low-to-high, and
A1284(ODR[3]) = 1
nInit signal transition
from low-to-high, and
nInit(ODR[2]) = 1
HstBsy signal transition
from low-to-high, and
HstBsy(ODR[1]) = 1
HstClk signal transition
from low-to-high, and
HstClk(ODR[0]) = 1
ManMd
(PCR[7])
SigCh
(PCIER[4])
SigCh
(PCISR[4])
NOTE: Interface must be in Compatibility mode when
ManMd (PCR[7]) is set or ManMd has no affect
HstClk signal transition
from high-to-low, and
HstClk(ZDR[0]) = 1
HstBsy signal transi-
tion from high-to-low,
and
HstBsy(ZDR[1]) = 1
A1284 signal transi-
tion from high-to-low,
and
A1284(ZDR[3]) = 1
nInit signal transition
from high to low, and
nInit(ZDR[2]) = 1
Host has reversed the direction of the interface from ECP-forward to
ECP-reverse by driving nReverseRequest (nInit) signal low.
Host has changed the direction of the interface from ECP-reverse to ECP-
forward by driving nReverseRequest (nInit) signal high.
DirCh
(PCISR[2])
EPPAW
(PCISR[3])
nInit
(PCISR[0])
EPPAW
(PCIER[3])
EPP address received
on parallel port
nInit
(PCIER[0])
In Compatibility mode, the host
has requested the peripheral to
re-initialize itself (nInit went
low).
INTEN
(PFCR[4])
PPort
(PIR[6])
(PCISR[5])
NegCh
(PCISR[4])
SigCh
(PCISR[3])
EPPAW
(PCISR[2])
DirCh
(PCISR[1])
IDReq
(PCISR[0])
nInit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com