Electronic Components Datasheet Search
  English  ▼

X  

UP7550 Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP7550
Description  Power Multiplexer for USB High Side Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7550 Datasheet(HTML) 4 Page - uPI Group Inc.

  UP7550 Datasheet HTML 1Page - uPI Group Inc. UP7550 Datasheet HTML 2Page - uPI Group Inc. UP7550 Datasheet HTML 3Page - uPI Group Inc. UP7550 Datasheet HTML 4Page - uPI Group Inc. UP7550 Datasheet HTML 5Page - uPI Group Inc. UP7550 Datasheet HTML 6Page - uPI Group Inc. UP7550 Datasheet HTML 7Page - uPI Group Inc. UP7550 Datasheet HTML 8Page - uPI Group Inc. UP7550 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
uP7550
4
uP7550-DS-F0002, July 2013
www.upi-semi.com
Power Switches
The uP7550 is a current limited power multiplexer acting
as a high side switch for USB applications where heavy
capacitive loads and short-circuits are likely to be
encountered. It contains two N-Channel MOSFETs Q1 and
Q2 as power switches that supply output current to VOUT
pins. The sources of Q1 and Q2 are connected together to
the VOUT pins, the drain of Q1 is connected to 5VCC pin
and the drain of Q2 is connected to 5VSB pin. The
MOSFETs are without body diode and prevent current flows
when turned off.
Q2 is a 400m
Ω MOSFET with 1A capacity and Q1 is a
80m
Ω MOSFET with 1.8A capacity. The power switches
are driven by internal charge pumps and controlled by S3#
and enable status. The uP7550 switches the output voltage
to 5VSB through Q2 at S3/S4/S5 states, to 5VCC through
Q1 at S0/S1/S2 states.
Charge Pumps and Drivers
An internal charge pump supplies power to the driver circuit
and provides the necessary voltage to pull the gate of the
MOSFET above the source. The driver controls the gate
voltage of the power switch. To limit large current surges
and reduce the associated electromagnetic interference
(EMI) produced, the driver incorporates circuitry that
controls the rise times and fall times of the output voltage.
Chip Enable
The EN pin receives a TTL or CMOS compatible input to
enable/disable the uP7550. Logic low disables the power
switch, charge pump, gate driver and other circuitry and
reduces the supply current down to less than 1uA. Logic
high restores bias to the drive and control circuits and turns
the switch on.
Soft Start
The uP7550 features soft start function to eliminate the
inrush current into downstream and voltage droop of
upstream when hot-plug-in with capacitive loads. The soft
start interval is 1.3ms typically. The input current to charge
up the load capacitor is proportional to its capacitance.
The uP7550 current limit function may be active during the
plug-in of extreme large capacitive load.
Over Current Limit
The uP7550 continuous monitors the output current for over
current protection to protect the system power, the power
switch, and the load from damage during output short circuit
or soft start interval. When an overload or short circuit is
encountered, the current-sense circuitry sends a control
signal to the driver. The driver in turn reduces the gate
voltage and drives the power FET into its saturation region,
which switches the output into a constant-current mode
and holds the current constant while varying the voltage on
the load. The current limit level is typical 2.3A when the
power switch operates in linear region and is typical 1.5A
in saturation region.
The uP7550 asserts fault condition and pulls low OC# when
over current, over temperature, input under voltage lockout
condition is encountered. The output remains asserted until
the overcurrent or overtemperature condition is removed. A
8ms deglitch circuit prevents the OC# signal from oscillation
Functional Description
Figure 1. Typical Timing Diagram
5VSB
EN
5VSB
_DRV
VOUT
S3#
5VCC
5VCC
_DRV
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com