Electronic Components Datasheet Search
  English  ▼

X  

UP7550 Datasheet(PDF) 8 Page - uPI Group Inc.

Part # UP7550
Description  Power Multiplexer for USB High Side Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7550 Datasheet(HTML) 8 Page - uPI Group Inc.

Back Button UP7550 Datasheet HTML 4Page - uPI Group Inc. UP7550 Datasheet HTML 5Page - uPI Group Inc. UP7550 Datasheet HTML 6Page - uPI Group Inc. UP7550 Datasheet HTML 7Page - uPI Group Inc. UP7550 Datasheet HTML 8Page - uPI Group Inc. UP7550 Datasheet HTML 9Page - uPI Group Inc. UP7550 Datasheet HTML 10Page - uPI Group Inc. UP7550 Datasheet HTML 11Page - uPI Group Inc. UP7550 Datasheet HTML 12Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
uP7550
8
uP7550-DS-F0002, July 2013
www.upi-semi.com
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
0
50
100
150
EN/S3#
Falling
EN/S3#
Rising
4
4.05
4.1
4.15
4.2
4.25
4.3
4.35
4.4
-50
0
50
100
150
5VSB/5VCC
Falling
5VSB/5VCC
Rising
POR Threshold Level vs. Temperature
Junction Temperature (OC)
Control Input Level vs. Temperature
Junction Temperature (OC)
VOUT
2V/Div
EN
1V/Div
VOUT
2V/Div
EN
1V/Div
VOUT
1V/Div
S3#
1V/Div
ICC
100mA/Div
ISB
100mA/Div
VOUT
1V/Div
S3#
1V/Div
ICC
100mA/Div
ISB
100mA/Div
Typical Operation Characteristics
Trun On into 5VSB
Time (250us/Div)
C
OUT = 1uF, S3# = 0V
Trun On into 5VCC
Time (250us/Div)
C
OUT = 1uF, S3# = 5V
S3# form High to Low
Time (10us/Div)
C
OUT = 1uF, IOUT = 100mA
S3# from Low to High
Time (500us/Div)
C
OUT = 1uF, IOUT = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com