Electronic Components Datasheet Search
  English  ▼

X  

UP7550 Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP7550
Description  Power Multiplexer for USB High Side Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7550 Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP7550 Datasheet HTML 2Page - uPI Group Inc. UP7550 Datasheet HTML 3Page - uPI Group Inc. UP7550 Datasheet HTML 4Page - uPI Group Inc. UP7550 Datasheet HTML 5Page - uPI Group Inc. UP7550 Datasheet HTML 6Page - uPI Group Inc. UP7550 Datasheet HTML 7Page - uPI Group Inc. UP7550 Datasheet HTML 8Page - uPI Group Inc. UP7550 Datasheet HTML 9Page - uPI Group Inc. UP7550 Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
uP7550
6
uP7550-DS-F0002, July 2013
www.upi-semi.com
(5V
SB = 5V, TA = 25
OC, unless otherwise specified)
(Note 1)
Supply Input Voltage, 5VSB ----------------------------------------------------------------------------------------------------------- -0.3V to +5.7V
Other Pins ------------------------------------------------------------------------------------------------------------------------------------- -0.3V to +5.7V
Storage Temperature Range ----------------------------------------------------------------------------------------------------------- -65OC to +150OC
Junction Temperature ------------------------------------------------------------------------------------------------------------------------------------ 150OC
Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------------------ 260OC
ESD Rating (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------------------------------------- 200V
Package Thermal Resistance (Note 3)
SOT23-8L
θ
JA ---------------------------------------------------------------------------------------------------------------------------- 250
OC/W
SOT23-8L
θ
JC ---------------------------------------------------------------------------------------------------------------------------- 140
OC/W
Power Dissipation, P
D @ TA = 25°C
SOT23-8L ---------------------------------------------------------------------------------------------------------------------------------------------- 0.4W
(Note 4)
Operating Junction Temperature Range ------------------------------------------------------------------------------------------- -40OC to +125OC
OperatingAmbient Temperature Range --------------------------------------------------------------------------------------------- -40OC to +85OC
Supply Input Voltage, V
IN ----------------------------------------------------------------------------------------------------------------- +4.5V to +5.5V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
B
S
V
5
t
u
p
n
I
y
l
p
p
u
S
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I
y
p
p
u
S
5
.
4-
-5
.
5V
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
UV
O
L
V
U
g
n
i
s
i
r
B
S
V
5-
-3
.
45
.
4V
s
i
s
e
r
e
t
s
y
H
O
L
V
U
-
-0
8-
-V
m
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SI
D
S
d
e
l
b
a
s
i
D
,
T
U
O
V
n
o
d
a
o
l
o
N-
-1
0
.
01
A
u
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
,
0
=
#
3
S
,
d
e
l
b
a
n
E
,
T
U
O
V
n
o
d
a
o
l
o
N
V
0
=
C
C
V
5
-
-0
50
7A
u
C
C
V
5
t
u
p
n
I
y
l
p
p
u
S
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I
y
l
p
p
u
S
5
.
4-
-5
.
5V
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
UV
O
L
V
U
g
n
i
s
i
r
C
C
V
5-
-3
.
45
.
4V
s
i
s
e
r
e
t
s
y
H
O
L
V
U
-
-0
8-
-V
m
Absolute Maximum Rating
Thermal Information
Recommended Operation Conditions
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com