Electronic Components Datasheet Search
  English  ▼

X  

UP7550 Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP7550
Description  Power Multiplexer for USB High Side Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7550 Datasheet(HTML) 1 Page - uPI Group Inc.

  UP7550 Datasheet HTML 1Page - uPI Group Inc. UP7550 Datasheet HTML 2Page - uPI Group Inc. UP7550 Datasheet HTML 3Page - uPI Group Inc. UP7550 Datasheet HTML 4Page - uPI Group Inc. UP7550 Datasheet HTML 5Page - uPI Group Inc. UP7550 Datasheet HTML 6Page - uPI Group Inc. UP7550 Datasheet HTML 7Page - uPI Group Inc. UP7550 Datasheet HTML 8Page - uPI Group Inc. UP7550 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
uP7550
1
uP7550-DS-F0002, July 2013
www.upi-semi.com
Power Multiplexer for USB High Side Switch
Compliant to USB Specifications
Operating Range: 4.5 V to 5.5 V
Output Voltage Switch to 5VSB at S3/S4/S5
1A Continuous Load Current
400m
Ω
Ω
Ω
Ω
Ω High Side Switch
Output Voltage Switch to 5VCC at S0/S1/S2
1.8A Continuous Load Current
80m
Ω
Ω
Ω
Ω
Ω High Side Switch
Low Quiescent Current: 50uA Typical
Low Standby Current: Less Than 1uA
Slow Turn On and Fast Turn Off
Enable Active-High
UL Approved: E316940
TuV EN60950-1 Certification
CB IEC60950-1 Certificatioon
RoHS Compliant and Halogen Free
The uP7550 is a current limited power multiplexer acting
as a high side switch for USB applications where heavy
capacitive loads and short-circuits are likely to be
encountered. It switches output voltage to 5VSB at S3/
S4/S5 states with 400m
Ω switch and 1A capacity; to 5VCC
at S0/S1/S2 states with 80m
Ω switch and 1.8A capacity.
This device features an active-high enable control input.
Soft start function limits the inrush current from supply
input when enabled. Disabling the device reduces its
standby current down to less than 1uA.
Optimal switch logic according to S3# and 5VCC status
ensures seamless output voltage transition.
When the output load exceeds the current-limit threshold
or a short is present, the uP7550 asserts over current
protection and limits the output current to a safe level by
driving the power switches into saturation mode.
Other features include soft-start to limit inrush current
during plug-in, thermal shutdown to prevent catastrophic
switch failure from high-current loads, under-voltage lockout
(UVLO) to ensure that the device remains off unless there
is a valid input voltage present. The uP7550 is available in
SOT23-8L package.
Notebook and Desktop PCs
USB Power Management
ACPI Power Distribution
Hot-Plug Power Supplies
r
e
b
m
u
N
r
e
d
r
Oe
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
8
A
M
P
0
5
5
7
P
uL
8
-
3
2
T
O
S3
6
S
General Description
Applications
Ordering Information
Features
Note: uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirement. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.


Similar Part No. - UP7550

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP7558 UPI-UP7558 Datasheet
619Kb / 16P
Current-Limited, Power Distribution Switches
uP7558PMA5 UPI-uP7558PMA5 Datasheet
619Kb / 16P
Current-Limited, Power Distribution Switches
uP7558PMD5 UPI-uP7558PMD5 Datasheet
619Kb / 16P
Current-Limited, Power Distribution Switches
uP7558PMT5 UPI-uP7558PMT5 Datasheet
619Kb / 16P
Current-Limited, Power Distribution Switches
uP7558PRA8 UPI-uP7558PRA8 Datasheet
619Kb / 16P
Current-Limited, Power Distribution Switches
More results

Similar Description - UP7550

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1525 AIC-AIC1525 Datasheet
158Kb / 10P
USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
USB HIGH-SIDE POWER SWITCH
R5523N RICOH-R5523N Datasheet
332Kb / 12P
USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
US236H UTC-US236H Datasheet
176Kb / 6P
POWER MULTIPLEXER FOR USB HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com