Electronic Components Datasheet Search
  English  ▼

X  

UP7550 Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP7550
Description  Power Multiplexer for USB High Side Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7550 Datasheet(HTML) 5 Page - uPI Group Inc.

  UP7550 Datasheet HTML 1Page - uPI Group Inc. UP7550 Datasheet HTML 2Page - uPI Group Inc. UP7550 Datasheet HTML 3Page - uPI Group Inc. UP7550 Datasheet HTML 4Page - uPI Group Inc. UP7550 Datasheet HTML 5Page - uPI Group Inc. UP7550 Datasheet HTML 6Page - uPI Group Inc. UP7550 Datasheet HTML 7Page - uPI Group Inc. UP7550 Datasheet HTML 8Page - uPI Group Inc. UP7550 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
uP7550
5
uP7550-DS-F0002, July 2013
www.upi-semi.com
or false triggering. If an over temperature shutdown occurs,
the OC# is asserted instantaneously.
Under Voltage Lockout
A voltage sense circuit monitors the input voltage. When
the input voltage is below approximately 4.2V, a control
signal turns off the power switch.
Over Temperature Protection
The uP7550 continuously monitors the operating
temperature of the power switch for over temperature
protection. The uP7550 asserts over temperature and turns
off the power switch to prevent the device from damage if
the junction temperature rises to approximately 135OC due
over current or short-circuit conditions. Hysteresis is built
into the thermal sense, the switch will not turn back on
until the device has cooled approximately 20 degrees. The
open-drain false reporting output (OC#) is asserted (active
low) when an overtemperature shutdown or over current
occurs. If the fault condition is not removed, the switch will
pulse on and off as the temperature cycles between these
limits.
Functional Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com