Electronic Components Datasheet Search
  English  ▼

X  

UP7550 Datasheet(PDF) 7 Page - uPI Group Inc.

Part # UP7550
Description  Power Multiplexer for USB High Side Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7550 Datasheet(HTML) 7 Page - uPI Group Inc.

Back Button UP7550 Datasheet HTML 3Page - uPI Group Inc. UP7550 Datasheet HTML 4Page - uPI Group Inc. UP7550 Datasheet HTML 5Page - uPI Group Inc. UP7550 Datasheet HTML 6Page - uPI Group Inc. UP7550 Datasheet HTML 7Page - uPI Group Inc. UP7550 Datasheet HTML 8Page - uPI Group Inc. UP7550 Datasheet HTML 9Page - uPI Group Inc. UP7550 Datasheet HTML 10Page - uPI Group Inc. UP7550 Datasheet HTML 11Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
uP7550
7
uP7550-DS-F0002, July 2013
www.upi-semi.com
Note 1. Stresses beyond those listed as the above Absolute Maximum Ratings may cause permanent damage to
the device. These are for stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated in the
Recommended Operation Condition section of the specifications is
not implied. Exposure to absolute maximum rating conditions for extended periods may remain possibility
to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3.
θ
JA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. These items are not tested in production, specified by design.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
l
o
r
t
n
o
C
e
l
b
a
n
E
d
l
o
h
s
e
r
h
T
l
e
v
e
L
h
g
i
H
2
.
1-
--
-V
d
l
o
h
s
e
r
h
T
l
e
v
e
L
w
o
L
-
--
-4
.
0V
t
n
e
r
r
u
C
t
u
p
n
I
n
i
P
e
l
b
a
n
E
1
--
-1
A
u
y
a
l
e
D
e
l
b
a
n
ET
N
E
_
D
o
t
g
n
i
t
r
a
t
s
T
U
O
V
o
t
d
l
o
h
s
e
r
h
t
e
l
b
a
n
E
p
u
p
m
a
r
-
-
5
1
.
01
s
m
)
2
Q
(
B
S
V
5
r
o
f
h
c
t
i
w
S
r
e
w
o
P
e
c
n
a
i
t
s
e
R
N
O
T
E
F
S
O
M
-
NR
)
N
O
(
S
D
I
T
U
O
A
m
0
0
1
=-
-0
0
40
0
5m
Ω
t
n
e
r
r
u
C
e
g
a
k
a
e
L
d
e
l
b
a
s
i
D
,
D
N
G
o
t
d
e
t
c
e
n
n
o
c
T
U
O
V-
--
-1
A
u
t
n
e
r
r
u
C
e
g
k
a
e
L
e
s
r
e
v
e
RV
T
U
O
V
0
=
B
S
V
5
,
V
5
.
5
=-
--
-1
A
u
)
1
Q
(
C
C
V
5
r
o
f
h
c
t
i
w
S
r
e
w
o
P
e
c
n
a
i
t
s
e
R
N
O
T
E
F
S
O
M
-
NR
)
N
O
(
S
D
I
T
U
O
5
2
@
A
1
=
OC-
-0
80
0
1m
Ω
t
n
e
r
r
u
C
e
g
a
k
a
e
L
d
e
l
b
a
s
i
D
,
V
0
=
T
U
O
V
,
V
5
.
5
=
C
C
V
5-
--
-1
A
u
t
n
e
r
r
u
C
e
g
k
a
e
L
e
s
r
e
v
e
RV
T
U
O
d
e
l
b
a
s
i
D
,
V
0
=
C
C
V
5
,
V
5
.
5
=-
--
-1
A
u
t
i
m
i
L
t
n
e
r
r
u
C
2
Q
r
o
f
d
l
o
h
s
e
r
h
T
t
i
m
i
L
t
n
e
r
r
u
C
1-
-2
A
1
Q
r
o
f
d
l
o
h
s
e
r
h
T
t
i
m
i
L
t
n
e
r
r
u
C
8
.
13
.
26
.
4A
e
g
a
t
l
o
V
w
o
L
t
u
t
p
u
O
#
C
OI
#
C
O
A
m
5
=-
--
-4
.
0V
t
n
e
r
r
u
C
e
t
a
t
S
f
f
OV
C
O
V
5
.
5
=
#-
--
-1
A
u
h
c
t
il
g
e
D
#
C
O
n
o
i
t
r
e
s
s
a
#
C
O4
8
5
1s
m
n
o
i
t
r
e
s
s
a
-
e
d
#
C
O0
5
10
5
20
0
5s
u
t
r
a
t
s
t
f
o
S
e
m
i
T
p
U
p
m
a
R
e
g
a
t
l
o
V
t
u
p
t
u
O
C
,
V
0
=
#
3
S
T
U
O
d
a
o
L
o
N
,
F
u
0
1
=-
-3
.
1-
-s
m
V
5
=
#
3
S
C
C
C
,
V
5
=
T
U
O
o
N
,
F
u
0
1
=
d
a
o
L
-
-3
.
1-
-s
m
n
o
i
t
c
e
t
o
r
P
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
l
e
v
e
L
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
Tn
g
i
s
e
D
y
B-
-5
3
1-
-
OC
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
Tn
g
i
s
e
D
y
B-
-0
3-
-
OC
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com