Electronic Components Datasheet Search
  English  ▼

X  

UP7550 Datasheet(PDF) 10 Page - uPI Group Inc.

Part # UP7550
Description  Power Multiplexer for USB High Side Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP7550 Datasheet(HTML) 10 Page - uPI Group Inc.

Back Button UP7550 Datasheet HTML 5Page - uPI Group Inc. UP7550 Datasheet HTML 6Page - uPI Group Inc. UP7550 Datasheet HTML 7Page - uPI Group Inc. UP7550 Datasheet HTML 8Page - uPI Group Inc. UP7550 Datasheet HTML 9Page - uPI Group Inc. UP7550 Datasheet HTML 10Page - uPI Group Inc. UP7550 Datasheet HTML 11Page - uPI Group Inc. UP7550 Datasheet HTML 12Page - uPI Group Inc. UP7550 Datasheet HTML 13Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
uP7550
10
uP7550-DS-F0002, July 2013
www.upi-semi.com
Application Information
The uP7550 is a current limited power multiplexer acting
as a high side switch for USB applications where heavy
capacitive loads and short-circuits are likely to be countered.
It switches output voltage to 5VSB at S3/S4/S5 states
with 400m
Ω switch and 1A capability; to 5VCC at S0/S1/
S2 states with 90m
Ω switch and 1.8A capability.
This device features an active-high enable control input.
Soft start function limits the inrush current from supply
input when enabled. Disabling the device reduces its
standby current down to less than 1uA. Optimal switch
logic according to S3# and 5VCC status ensures seamless
output voltage transition. When the output load exceeds
the current-limit threshold or a short is present, the uP7550
asserts overcurrent protection and limits the output current
to a safe level by driving the power switches into saturation
mode.
Other features include soft-start to limit inrush current
during plug-in, thermal shutdown to prevent catastrophic
switch failure from high-current loads, under-voltage lockout
(UVLO) to ensure that the device remains off unless there
is a valid input voltage present. The uP7550 is available in
SOT23-8 package.
Input and output capacitors
Bypass the supply input pins with a single 4.7uF capacitor
as close as possible to the uP7550. A 4.7uF output capacitor
at the output pin is recommended even much larger output
capacitors are already available at the output of the uP7550,
especially if the output capacitors are more than 2 inches
away on the PCB. The inrush current to charge the output
capacitors is calculated as:
SS
OUT
OUT
IN
T
V
C
I
×
=
(A)
Special care should be paid to large output capacitor
applications. Take C
OUT = 1000uF as example, the inrush
current is I
IN = 1000uF x 5V / 1.3ms = 3.8A. This is higher
than the current limit threshold of Q1 and Q2. In this case,
the output voltage ramp up time is controlled by the current
limit function of Q1 and Q2. Fault indication function may
be false triggered and pull low the OC# as shown in Figure
1. The OC# is pulled low after 8ms delay and released
when V
OUT > 2V.
VOUT
(5V/Div)
OC#
(5V/Div)
EN
(5V/Div)
ISB
(400mA/Div)
Time: 5ms/Div
Figure 1. Turn on into 5VSB with 2000uF output capacitor.
Hot Plug Application
The output voltage undergoes an abrupt drop when a device
with large input capacitors is hot plugged into the output of
uP7550 as shown in Figure 2, where a device with 1500uF
is hot plugged into uP7550 output with 470uF output
capacitor. The output voltage ramp up time is controlled by
the current limit level. The OC# is not pulled low since the
output voltage is kept higher than 2.0V before the delay
time.
VOUT
(2V/Div)
OC#
(2V/Div)
ISB
(200mA/Div)
Time: 5ms/Div
Figure 2. Hot plug application with S3# = 0V.
Thermal Consideration
Temperature effect should be well considered when dealing
with voltage drop and power dissipation. The maximum
R
DS(ON) of the power switch is 90mΩ of Q2 under 25
OC
junction temperature. If the device is expected to operate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com