Electronic Components Datasheet Search
  English  ▼

X  

AL1772 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL1772
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1772 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL1772 Datasheet HTML 1Page - Diodes Incorporated AL1772 Datasheet HTML 2Page - Diodes Incorporated AL1772 Datasheet HTML 3Page - Diodes Incorporated AL1772 Datasheet HTML 4Page - Diodes Incorporated AL1772 Datasheet HTML 5Page - Diodes Incorporated AL1772 Datasheet HTML 6Page - Diodes Incorporated AL1772 Datasheet HTML 7Page - Diodes Incorporated AL1772 Datasheet HTML 8Page - Diodes Incorporated AL1772 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
5 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Pin Descriptions
Pin Number
Pin Name
Function
AL1771
AL1772
1
TP
REF2
Reference Current Setting through External Resistor (RSET2) for AL1772; TP pin is a test
pin for AL1771, not to input any voltage to TP pin.
2
REF1
REF1
Reference Current Setting through External Resistor (RSET1)
3
DVCC
DVCC
Power Supply for LED Driver Section
4
NC
PWM2
PWM Signal Input for Channel-2, Internally Pulled Down for AL1772; Not Connected for
AL1771.
5
PWM1
PWM1
PWM Signal Input for Channel-1, Internally Pulled Down.
6
DGND
DGND
Ground for LED Driver Section
7
NC
LED2
Channel-2 LED Cathode for AL1772; Not Connected for AL1771.
8
LED1
LED1
Channel-1 LED Cathode
9
CS
CS
Current Sense for PFC Controller
10
AGND
AGND
Ground Pin for PFC Controller
11
GD
GD
Gate Drive for PFC Controller
12
AVCC
AVCC
Power Supply for PFC Controller
13
COMP
COMP
PFC Loop Compensation
14
FB
FB
PFC output voltage feedback and inductor current zero-crossing detection pin.
15
LEDPG
LEDPG
Adaptive thermal management adjusting current output. Tied to FB to adjust PFC output
voltage.
16
FAULTB
FAULTB
Fault Report. Asserted Low to report faulty conditions. Needs an external pull-up
resistor.
Exposed PAD
EP
EP
Exposed pad.
It should be externally connected to Ground and thermal mass for enhanced thermal
impedance.
It should not be used as electrical conduction path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com