Electronic Components Datasheet Search
  English  ▼

X  

AL1772 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AL1772
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1772 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AL1772 Datasheet HTML 12Page - Diodes Incorporated AL1772 Datasheet HTML 13Page - Diodes Incorporated AL1772 Datasheet HTML 14Page - Diodes Incorporated AL1772 Datasheet HTML 15Page - Diodes Incorporated AL1772 Datasheet HTML 16Page - Diodes Incorporated AL1772 Datasheet HTML 17Page - Diodes Incorporated AL1772 Datasheet HTML 18Page - Diodes Incorporated AL1772 Datasheet HTML 19Page - Diodes Incorporated AL1772 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
16 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Application Information
6.
Examples of Smart Light Bulb and LED Panel Light
(1)
System Configurations
Emerging smart LED light bulbs, including Tunable White and Tunable Color products used in either wired or wireless control applications,
address human needs for energy saving, light quality scene setting and entertainment light management. Typical block diagram of a smart light
bulb, consisting of four major functional blocks - PFC Power Conversion, Wireless/Color Management MCU, LED driver and an emitter module.
AL1771/1772 fits well with emerging Smart Connected Light bulbs illustrating as below:
1-Channel Dimmable White (Figure 1)
Brightness adjustment with Fixed Correlated Color Temperature (CCT) White
2-Channel Tunable White (Figure 2)
CCT Tuning with range from 2,700k to 6,500k
4-Channel White+RGB (Figure 3)
White +RGB color mixing
For wireless-enabled Smart Connected LED Panel Lights, Troffers and Ceiling Lights, AL1771/1772 can be used to drive emitter string(s) for
either 1-channel Dimmable White or 2-channel Tunable White applications as shown in Figure 1 and Figure 2. The AL1771/1772 can also be used
to drive White+RBG 4-channel LEDs combined with AL1782 for color mixing application as shown in Figure 3.
(2)
Interface with Emitter Strings and AL1771/1772
The AL1771/1772 PFC Power Conversion circuitry provides necessary output constant voltages (CVs) to power the MCU and the Linear LED
Driver blocks of the entire smart light bulbs. Typical applications for smart light bulbs might require 3.3V for MCU and 12/24V for LED emitter
strings of mainstream smart light bulbs. Anodes of top LED emitter strings are connected to 12/24V power supply. And cathodes of bottom LED
emitter strings are connected to LEDx pins of AL1771/1772.
(3)
Interface with Wireless/Color Management MCU and AL1771/1772
The main physical interfaces between MCU and AL1771/1772 are PWMx pins and FAULTB. MCU activates the PWMx (asserted high) to turn on
AL1771/1772 in active state for normal LED lighting operation. When PWMx pins are asserted low for 4ms, the entire AL1771/1772 enters Low-
Power mode with minimum power consumption. For typical light dimming or mixing operations, MCU generates proper PWM signals output
through PWMx pins. In case of any general fault occurs in AL1771/1772, FAULTB pin is asserted LOW to interrupt MCU for proper actions.
(4)
LED Driver Design Topology and Implementation
For AL1771/1772-powered LED Driver/Emitter block adopts a multi-channel LED driver structure with PWM dimming control for each channel. The
parallel LED driver channel structure covers mainstream applications for Smart Connected Lighting products. Given the maximum allowable input
voltage of 30V, AL1771/1772 can support a LED string up to 8 emitters of W, B, G (assuming LED Emitter Forward Voltage Drop, VF~3.1V) or 10
emitters of R (assuming VF ~2.2V) in series typically. It is still possible to driver more than 8 emitters by slitting LED Emitter string voltage and
AVCC/DVDD as long as AVCC and DVCC are below 30V.
For 1-channel Dimmable White (Figure 1), the Reference Current (IREF1) of AL1771 is set by an external resistor RSET1. In the case using 10k
Ω as
RSET1, Channel 1 of AL1771 will be driving emitter string(s) with a total constant current of 600mA.
As an example of a 2-channel Tunable White light bulb design (Figure 2), an AL1772 drives two emitter strings, namely, CCTcold (6,500k) and
CCTwarm (2,700k). Using RSET1 and RSET2 of 8.2k
Ω, the maximum current for Channel 1 and Channel 2 will be 365mA if each PWM signal is
turned on. The associated MCU could generate suitable PWM patterns to meet the required CCT tuning to target light output. The associated
MCU could generate suitable PWM patterns to meet the required CCT tuning to target light output. RSET1 and RSET2 can also be set at different
values to obtain different channel current if desired. However, the total channel current is advised not to exceed a total of 1,500mA with hard-limit
to 750mA maximum for each channel.
Figure 3 describes how designer can use AL1772+AL1782 to drive more than two channel LEDs, specially in this case, to drive White+RGB LEDs
for color mixing application. The AL1772 PFC CV stage produces three voltage outputs for white and RGB LED connections. 25V is used to
connect with White LED Anode, 12V is for Green and Blue LEDs, and 8V is for Red LED. The White LED and Red LED cathodes are connected
with AL1772 channel 1 and channel 2 respectively, and the Green and Blue LED cathodes are connected with AL1782 channels. In Figure 3,
AL17050 high voltage BUCK converter is used to produce MCU power supply voltage 3.3V for high efficiency and low standby power
considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com