Electronic Components Datasheet Search
  English  ▼

X  

AL1772 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AL1772
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1772 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AL1772 Datasheet HTML 8Page - Diodes Incorporated AL1772 Datasheet HTML 9Page - Diodes Incorporated AL1772 Datasheet HTML 10Page - Diodes Incorporated AL1772 Datasheet HTML 11Page - Diodes Incorporated AL1772 Datasheet HTML 12Page - Diodes Incorporated AL1772 Datasheet HTML 13Page - Diodes Incorporated AL1772 Datasheet HTML 14Page - Diodes Incorporated AL1772 Datasheet HTML 15Page - Diodes Incorporated AL1772 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
12 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Functional Description (Cont.)
Figure 6. Auxiliary Voltage Waveform
Figure 6 shows the voltage waveform of the auxiliary winding. To accurately sample the divided auxiliary winding voltage, the FB pin delays a
tSAMPLE time before sampling. And tDISCHARGE is the demagnetization time for the transformer.
3.
Load Transition Operation
To obtain good load transition performance, the COMP regulation mechanism is optimized. When the load changes from heavy to light causing
the FB voltage reaching VFB_OVP (typically 1.35V), the IC will pull down the COMP voltage and enter the max-off-time mode, accelerating the
discharge of the output voltage. When the load changes from light to heavy leading to the FB voltage touching 1.0V, the IC will charge up the
COMP voltage and raise the MOSFET on time, quickening the increase of the output voltage.
1.35V
VFB
VCS
VCOMP
Heavy load transition to light load
max-off-time mode
0 V
VFB
VCS
VCOMP
Light load transition to heavy load
1.0 V
0 V
Figure 7. Load Transition Waveform
4.
Protections
Output-Open Protection (AVCC_OVP; VFB_OVP)
The output voltage is reflected by the voltage on tr
ansformer’s auxiliary winding. Both FB pin and AVCC pins have OVP function.
When there is a rapid line and load transient, the output voltage may exceed the regulated value. If VFB exceeds VFB_OVP, the OVP will be
triggered, and then PFC controller increases the OFF time to reduce output voltage.
If AVCC exceeds VAVCC_OVP the OVP will be triggered, the switch will be turned off and AVCC will be discharged. Once AVCC is below
VAVCC_OPR_MIN, the PFC controller will shut down and power on again by BUS voltage through start up resistor.
Output Short Protection (OSP)
When the output is shorted, the output voltage is clamped to zero. The output voltage of the auxiliary winding, which is proportional to the
secondary winding, will drop down too. Once AVcc is below VAVCC_OPR_MIN, the IC will shut down and power on again by the BUS voltage through
the startup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com