Electronic Components Datasheet Search
  English  ▼

X  

AL1772 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AL1772
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1772 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AL1772 Datasheet HTML 14Page - Diodes Incorporated AL1772 Datasheet HTML 15Page - Diodes Incorporated AL1772 Datasheet HTML 16Page - Diodes Incorporated AL1772 Datasheet HTML 17Page - Diodes Incorporated AL1772 Datasheet HTML 18Page - Diodes Incorporated AL1772 Datasheet HTML 19Page - Diodes Incorporated AL1772 Datasheet HTML 20Page - Diodes Incorporated AL1772 Datasheet HTML 21Page - Diodes Incorporated AL1772 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
18 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Ordering Information
AL177X X - X
Packing
Product Name
1 : AL1771
Package
T16E : TSSOP-16EP
(Type DX)
13 : 13
" Tape & Reel
2 : AL1772
Part Number
Package Code
Packaging (Note 6)
13” Tape and Reel
Quantity
Part Number Suffix
AL1771T16E-13
T16E
TSSOP-16EP (Type DX)
2500/Tape & Reel
-13
AL1772T16E-13
T16E
TSSOP-16EP (Type DX)
2500/Tape & Reel
-13
Note 6:
For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
(1) TSSOP-16EP (Type DX)
( Top View )
1
AL177X
YY WW X X E
Logo
Part Number
AL1771
AL1772
8
WW : Week : 01~52; 52
YY : Year : 15,16,17~
X X : Internal Code
represents 52 and 53 week
16
9
E : TSSOP-16EP
(Type DX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com