Electronic Components Datasheet Search
  English  ▼

X  

AL1772 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL1772
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1772 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL1772 Datasheet HTML 6Page - Diodes Incorporated AL1772 Datasheet HTML 7Page - Diodes Incorporated AL1772 Datasheet HTML 8Page - Diodes Incorporated AL1772 Datasheet HTML 9Page - Diodes Incorporated AL1772 Datasheet HTML 10Page - Diodes Incorporated AL1772 Datasheet HTML 11Page - Diodes Incorporated AL1772 Datasheet HTML 12Page - Diodes Incorporated AL1772 Datasheet HTML 13Page - Diodes Incorporated AL1772 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
10 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Typical Performance Characteristics (Cont.)
Reference Voltage for Channel 1
Regulation Current for Channel 1
vs. Ambient Temperature
vs. Ambient Temperature
LED Current vs. PWM Duty (f = 4kHz, 0~100%)
LED Current vs. PWM Duty (f = 4kHz, 0~10%)
-40
-20
0
20
40
60
80
100
120
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
Ambient Temperature (C)
-40
-20
0
20
40
60
80
100
120
220
230
240
250
260
270
280
Ambient Temperature (C)
0
2
4
6
8
10
0
5
10
15
20
25
30
PWM Duty (%)
0
20
40
60
80
100
0
50
100
150
200
250
PWM Duty (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com