Electronic Components Datasheet Search
  English  ▼

X  

AL1772 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AL1772
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1772 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AL1772 Datasheet HTML 16Page - Diodes Incorporated AL1772 Datasheet HTML 17Page - Diodes Incorporated AL1772 Datasheet HTML 18Page - Diodes Incorporated AL1772 Datasheet HTML 19Page - Diodes Incorporated AL1772 Datasheet HTML 20Page - Diodes Incorporated AL1772 Datasheet HTML 21Page - Diodes Incorporated AL1772 Datasheet HTML 22Page - Diodes Incorporated AL1772 Datasheet HTML 23Page - Diodes Incorporated AL1772 Datasheet HTML 24Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
20 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Minimum Packing Quantity (Notes 9, 10, 11)
—
Quantity
Tape Width
Part Number Suffix
13” Reel
2,500
12mm
-13
Notes:
9. Package quantities given are for minimum packaging quantity only, not minimum order quantity. For minimum order quantity, please contact Sales
department.
10. No mixed date codes or partial quantity (less than minimum packaging quantity) per packaging is allowed.
11. In no case shall there be two or more consecutive components missing from any reel for any reason.
Device Tape Orientation (Notes 12, 13)
Tape Width
Part Number Suffix
Tape Orientation
12mm
-13
Pin 1
Notes: 12. For part marking, refer to product datasheet.
13. Tape and package drawings are not to scale and are shown for device tape orientation only.
Embossed Carrier Tape Specifications
Ø D1
t
B0
B1
A0
K0
K1
E
F
W
P2
P0
P
Ø D
10 pitches cumulative
tolerance on tape +/-0.2mm
Direction of Feed
Center lines of cavity
Tape Width (W)
Dimension
Value (mm)
Dimension
Value (mm)
Dimension
Value (mm)
12mm
A0
6.95
E
1.75 ±0.10
P0
4.0 ±0.10
B0
5.60
F
5.50 ±0.05
P2
2.0 ±0.05
B1
6.30
K0
1.60
t
0.30 ±0.05
D
1.50 +0.1/-0.0
K1
1.20
W
12.0 ±0.30
D1
1.50 min
P
8.0 ±0.10
—
—
A0 B0 K0
The clearance between the component and the cavity must comply to the rotational and lateral
movement requirement provided in figures in the "Maximum Component Movement in Tape Pocket”
section.
Direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com