Electronic Components Datasheet Search
  English  ▼

X  

AL1772 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL1772
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1772 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL1772 Datasheet HTML 1Page - Diodes Incorporated AL1772 Datasheet HTML 2Page - Diodes Incorporated AL1772 Datasheet HTML 3Page - Diodes Incorporated AL1772 Datasheet HTML 4Page - Diodes Incorporated AL1772 Datasheet HTML 5Page - Diodes Incorporated AL1772 Datasheet HTML 6Page - Diodes Incorporated AL1772 Datasheet HTML 7Page - Diodes Incorporated AL1772 Datasheet HTML 8Page - Diodes Incorporated AL1772 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
1 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
PFC CONTROLLER + SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
Description
The AL1771/1772 is a high integration chip with an Offline High
Power Factor Correction (PFC) controller and a single/dual-channel
Linear LED driver in one package. AL1771/1772 implements an
optimized 2-stage topology for a wide power range of Connected
Lighting applications. It is targeted for 1-Channel Dimmable and 2-
Channel Tunable White and various Connected Lighting applications.
Based on Primary Side Regulation (PSR) implementation, the PFC
controller does not require Opto-coupler and any secondary feedback
circuit to save overall BOM cost and it operates at Quasi-Resonant
(QR) mode where MOSFET is turned on at the valley of the drain
voltage, which minimizes switching loss and results in high efficiency.
The key merits of the Single/Dual Dimmable Linear LED driver
attribute to excellent dimming performance, low standby power, ease
of system implementation, and great product scalability. It supports E-
flicker free High Frequency PWM dimming with Deep Dimming
Capability: Support 40kHz down to 4%, 10kHz down to 1.0%, 4kHz
down to 0.4%, or 1kHz down to 0.1% with good dimming linearity.
When no PWM signal is detected by AL1771/1772, the LED driver
Section will automatically enter the low-power mode for power saving
purpose to be in compliance with Energy Star standby power
requirement for Connected Lighting. Integrates Adaptive Thermal
Management (ATM) scheme to minimize non-productive power
dissipation.
The AL1771/1772 has protection features to ensure robust and safety
operation of the Connected Lighting systems. The AL1771/1772 can
support applications with LED current (Up 1500mA) and is available
in low thermal resistance package TSSOP-16EP (Type DX).
Features
High PFC Controller and Dimmable Linear LED Driver in One
Package
Valley Detection to Achieve Low Switching Loss and High
Efficiency
Input Voltage Range for LED Driver (DVCC): 6.5V to 30V
Each Channel Independent PWM Dimming Control
Adjustable Reference Current by External Reference Resistors
LED Current Accuracy ≤ ±4%
Maximum LED Current 1500mA for AL1771 and 750mA Per
Channel to AL1772
Adaptive Thermal Management (ATM) Scheme to Minimize
Power Dissipation
Low Standby Power Mode with Automatically Enter and Exit
High Frequency E-Flicker Free PWM Dimming with Deep
Dimming Capability
Protections:
PFC Controller:
Under Voltage Lockout (UVLO)
Over Voltage Protection (OVP)
Over Current Protection (OCP)
Output Short Protection (OSP)
Over-Temperature Protection (OTP): Thermal Shutdown
and Auto Thermal Recovery
Dimmable Linear LED Driver:
Under Voltage Lockout (UVLO)
LED String Open/Short Protection
Over-temperature Protection (OTP): Thermal Shutdown and
Auto Thermal Recovery
Pin Assignments
(Top View)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TP
REF1
DVCC
NC
PWM1
DGND
NC
LED1
FAULTB
LEDPG
FB
COMP
AVCC
GD
AGND
CS
EP
TSSOP-16EP (Type DX) (AL1771)
(Top View)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF2
REF1
DVCC
PWM2
PWM1
DGND
LED2
LED1
FAULTB
LEDPG
FB
COMP
AVCC
GD
AGND
CS
EP
TSSOP-16EP (Type DX) (AL1772)
Applications
1-Channel Dimmable Connected Light Bulbs
2-Channel Tunable White Connected Bulbs
Smart Connected LED Tubes, Panel Lights, Troffers, and Ceiling
Lights
Fault Reports: UVLO, OTP, LED Open/Short
Low System BOM
Ambient Temperature Operating Range -40°C to +125°C
TSSOP-16EP (Type DX)
: Available in “Green” Molding Compound
(No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “
Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more in
formation about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AL1772

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL17 ETC2-AL17 Datasheet
722Kb / 6P
Lock Kit for Cla mp Cover Junction Boxes
logo
Pentair Equipment Prote...
AL17 HOFFMANPRODUCTS-AL17 Datasheet
697Kb / 6P
Locks, Lockouts, Latches, Ha ndles and Clamps
logo
DFI Inc
AL170 DFI-AL170 Datasheet
1Mb / 2P
Intel Atom® Processor E3900 Series Mini-ITX
AL170-CB-E3940 DFI-AL170-CB-E3940 Datasheet
1Mb / 2P
Intel Atom® Processor E3900 Series Mini-ITX
AL170-CB-E3950 DFI-AL170-CB-E3950 Datasheet
1Mb / 2P
Intel Atom® Processor E3900 Series Mini-ITX
More results

Similar Description - AL1772

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
Rev 2
AL1781 DIODES-AL1781 Datasheet
530Kb / 18P
Single/Dual Dimmable Linear LED Driver
Rev 1
AL5814 DIODES-AL5814 Datasheet
464Kb / 14P
60V LINEAR DIMMABLE LED CONTROLLER
Rev 3
AL5817 DIODES-AL5817 Datasheet
400Kb / 13P
60V LINEAR DIMMABLE LED CONTROLLER
Rev 3
logo
Maxic Technology Corpor...
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com