| Electronic Components Datasheet Search |
|
LTC3828 Datasheet(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3828 Datasheet(HTML) 7 Page - Linear Technology |
|
7 / 32 page ![]() LTC3828 3828f 7 ITH1, ITH2 (Pins 2, 13/Pins 30, 12): Error Amplifier Output and Switching Regulator Compensation Point. Each asso- ciated channels’ current comparator trip point increases with this control voltage. PHSMD (Pin 4, QFN Only): Control input to phase selector which determines the phase relationship between control- ler 1, controller 2 and the clockout signal. VOSENSE1, VOSENSE2 (Pins 5, 14/Pins 1, 13): Error Ampli- fier Feedback Input. Receives the remotely-sensed feed- back voltage for each controller from an external resistive divider across the output. PLLFLTR (Pin 6/Pin 2): Filter Connection for Phase- Locked Loop. Alternatively, this pin can be driven with an AC or DC voltage source to vary the frequency of the internal oscillator. FCB/PLLIN (Pin 8/Pin 5): Forced Continuous Control Input and External Synchronization Input to Phase Detec- tor. Pulling this pin below 0.8V will force continuous synchronous operation. Feeding an external clock signal will synchronize the LTC3828 to the external clock. SGND (Pin 9/Pin 6): Small Signal Ground. Common to both controllers, this pin must be routed separately from high current grounds to the common (–) terminals of the COUT capacitors. PI FU CTIO S TRCKSS2, TRCKSS1 (Pins 10, 1/Pins 7, 29): Soft-Start and Output Voltage Tracking Inputs. When one channel is configured to be the master of two outputs a capacitor to ground at this pin sets the ramp rate. The slave channel tracks the output of the master channel by reproducing the VFB voltage of the master channel with a resistor divider and applying that voltage to its track pin. An internal 1.2 µA soft-start current is always charging these pins. SENSE2–, SENSE1– (Pins 11, 4/Pins 10, 32): The (–) Input to the Differential Current Comparators. SENSE2+, SENSE1+ (Pins 12, 3/Pins 11, 31): The (+) Input to the Differential Current Comparators. The ITH pin voltage and controlled offsets between the SENSE– and SENSE+ pins in conjunction with RSENSE set the current trip threshold. RUN2, RUN1 (Pins 15, 7/Pins 14, 3): Run Control Inputs. Forcing RUN pins below 1V would shut down the circuitry required for that particular channel. Forcing the RUN pins over 2V would turn on the IC. BOOST2, BOOST1 (Pins 16, 26/Pins 15, 26): Bootstrapped Supplies to the Top Side Floating Drivers. Capacitors are connected between the boost and switch pins and Schot- tky diodes are tied between the boost and INTVCC pins. Voltage swing at the boost pins is from INTVCC to (VIN + INTVCC). (SSOP/QFN) TYPICAL PERFOR A CE CHARACTERISTICS 3828 G25 VOUT 20mV/DIV IL 1A/DIV 100 µs/DIV VIN = 12V VOUT = 5V VFCB = OPEN IOUT = 20mA 3828 G26 VOUT 20mV/DIV IL 0.5A/DIV 2 µs/DIV VIN = 12V VOUT = 5V VFCB = 5V IOUT = 20mA Burst Mode Operation (Figure 14) Constant Frequency (Burst Inhibit) Operation (Figure 14) TA = 25°C unless otherwise noted. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |