Electronic Components Datasheet Search
  English  ▼

X  

LTC3828 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3828
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 3 Page - Linear Technology

  LTC3828 Datasheet HTML 1Page - Linear Technology LTC3828 Datasheet HTML 2Page - Linear Technology LTC3828 Datasheet HTML 3Page - Linear Technology LTC3828 Datasheet HTML 4Page - Linear Technology LTC3828 Datasheet HTML 5Page - Linear Technology LTC3828 Datasheet HTML 6Page - Linear Technology LTC3828 Datasheet HTML 7Page - Linear Technology LTC3828 Datasheet HTML 8Page - Linear Technology LTC3828 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC3828
3828f
3
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN1, 2 = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
gmGBW1, 2
Transconductance Amplifier GBW
ITH1, 2 = 1.2V; (Note 3)
3
MHz
IQ
Input DC Supply Current
(Note 4)
Normal Mode
VIN = 15V; VOUT1 = 5V
2
3
mA
Shutdown
VRUN/SS1, 2 = 0V
20
100
µA
VFCB
Forced Continuous Threshold
●
0.76
0.800
0.84
V
IFCB
Forced Continuous Pin Current
VFCB = 0.85V
– 0.50
– 0.18
– 0.1
µA
VBINHIBIT
Burst Inhibit (Constant Frequency)
Measured at FCB pin
4.3
4.8
V
Threshold
UVLO
Undervoltage Lockout
VIN Ramping Down
●
3.5
4
V
VOVL
Feedback Overvoltage Lockout
Measured at VOSENSE1, 2
●
0.84
0.86
0.88
V
ISENSE
Sense Pins Total Source Current
(Each Channel); VSENSE1–, 2– = VSENSE1+, 2+ = 0V
– 90
– 65
µA
DFMAX
Maximum Duty Factor
In Dropout
98
99.4
%
ITRCKSS1,2
Soft-Start Charge Current
0.5
1.2
µA
VRUN1, 2 ON
RUN Pin ON Threshold
VRUN1, VRUN2 Rising
1.0
1.5
2.0
V
VSENSE(MAX)
Maximum Current Sense Threshold
VOSENSE1, 2 = 0.7V,VSENSE1–, 2– = 5V
62
75
85
mV
VOSENSE1, 2 = 0.7V,VSENSE1–, 2– = 5V
●
60
75
88
mV
TG Transition Time:
(Note 5)
TG1, 2 tr
Rise Time
CLOAD = 3300pF
55
100
ns
TG1, 2 tf
Fall Time
CLOAD = 3300pF
55
100
ns
BG Transition Time:
(Note 5)
BG1, 2 tr
Rise Time
CLOAD = 3300pF
65
120
ns
BG1, 2 tf
Fall Time
CLOAD = 3300pF
55
100
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
60
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
80
ns
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 6)
120
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0 to 20mA
0.2
2.0
%
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLFLTR = 1.2V
360
400
440
kHz
fLOW
Lowest Frequency
VPLLFLTR = 0V
230
260
290
kHz
fHIGH
Highest Frequency
VPLLFLTR ≥ 2.4V
480
550
590
kHz
IPLLFLTR
Phase Detector Output Current
Sinking Capability
fPLLIN < fOSC
–17
µA
Sourcing Capability
fPLLIN > fOSC
17
µA
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
VPG
PGOOD Trip Level, Either Controller
VOSENSE with Respect to Set Output Voltage
VOSENSE Ramping Negative
– 6
–7.5
– 9.5
%
VOSENSE Ramping Positive
6
7.5
9.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com