Electronic Components Datasheet Search
  English  ▼

X  

LTC3828 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3828
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3828 Datasheet HTML 10Page - Linear Technology LTC3828 Datasheet HTML 11Page - Linear Technology LTC3828 Datasheet HTML 12Page - Linear Technology LTC3828 Datasheet HTML 13Page - Linear Technology LTC3828 Datasheet HTML 14Page - Linear Technology LTC3828 Datasheet HTML 15Page - Linear Technology LTC3828 Datasheet HTML 16Page - Linear Technology LTC3828 Datasheet HTML 17Page - Linear Technology LTC3828 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
LTC3828
3828f
APPLICATIO S I FOR ATIO
Figure 5. Setup for Coincident and Ratiometric Tracking
R3
R1
R4
R2
R3
VOUT2
R4
(5a) Coincident Tracking Setup
TO
VOSENSE1
PIN
TO
TRCKSS2
PIN
TO
VOSENSE2
PIN
VOUT1
R1
R2
R3
VOUT2
R4
3828 F05
(5b) Ratiometric Tracking Setup
TO
VOSENSE1
PIN
TO
TRCKSS2
PIN
TO
VOSENSE2
PIN
VOUT1
Figure 6. Equivalent Input Circuit of
Error Amplifier of Channel 2
Figure 7. Alternative Setup for Coincident Tracking
–
+
II
D1
TRCKSS
0.8V
VOSENSE
D2
D3
3828 F06
EA
S1
R1
R4
VOUT1
VOUT2
TO TRCKSS2 PIN
TO VOSENSE1 PIN
TO VOSENSE2 PIN
R2
R5
R3
3828 F07
R
R
VR
R
V
OUT
OUT
1
20 8
1
3
40 8
1
12
==
⎛
⎝
⎜
⎞
⎠
⎟
.
–,
.
–
RR
R
VR
RR
R
R
V
OUT
OUT
12
30 8
1
1
23
4
50 8
1
12
+
=
+
==
⎛
⎝
⎜
⎞
⎠
⎟
.
–,
.
–
By selecting different resistors, the LTC3828 can achieve
different modes of tracking including the two in Figure 4.
Figure 6 helps to explaining the tracking function. At the
input stage of an error amplifier, two diodes are used to
clamp the equivalent reference voltage and an additional
diode is used to match the shifted common mode voltage.
The top two current sources are of the same value. When
the TRCKSS voltage is low, switch S1 is on and VOSENSE
follows the TRCKSS voltage. When the TRCKSS voltage
is close to 0.8V, the reference voltage, switch S1, is off
and VOSENSE follows the reference voltage. The regulation
for both channels’ outputs are not affected by the tracking
mode. In the ratiometric tracking mode, the two channels
do not exhibit cross talk.
The number of resistors in Figure 5a can be further
reduced with the scheme in Figure 7.
In a system that requires more than two tracked supplies,
multiple LTC3828s can be daisy-chained through the
TRCKSS1 pin. TRCKSS1 clamps channel 1’s reference in
the same manner TRCKSS2 clamps channel 2. To elimi-
nate the possibility of multiple LTC3828s coming on at
different times, only the master LTC3828’s TRCKSS1 pin
should be connected to a soft-start capacitor. Figure 8
shows the circuit with four outputs. Three of them are
programmed in the coincident mode while the fourth one
tracks ratiometrically. If output tracking is not needed, the
TRCKSS pins are used as soft start-up pins. The capaci-
tors connected to those pins set the soft-start ramping up
speed.
Figure 15 is a basic LTC3828 application circuit. External
component selection is driven by the load requirement,
and begins with the selection of RSENSE and the inductor
value. Next, the power MOSFETs and D1 are selected.
Finally, CIN and COUT are selected. The circuit shown in
Figure 15 is configured for operation up to an input
voltage of 28V (limited by the external MOSFETs).
RSENSE Selection For Output Current
RSENSE is chosen based on the required output current.
The current comparator has a maximum threshold of
75mV/RSENSE and an input common mode range of SGND
to 1.1(INTVCC). The current comparator threshold sets the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com