Electronic Components Datasheet Search
  English  ▼

X  

LTC3828 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3828
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 5 Page - Linear Technology

  LTC3828 Datasheet HTML 1Page - Linear Technology LTC3828 Datasheet HTML 2Page - Linear Technology LTC3828 Datasheet HTML 3Page - Linear Technology LTC3828 Datasheet HTML 4Page - Linear Technology LTC3828 Datasheet HTML 5Page - Linear Technology LTC3828 Datasheet HTML 6Page - Linear Technology LTC3828 Datasheet HTML 7Page - Linear Technology LTC3828 Datasheet HTML 8Page - Linear Technology LTC3828 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC3828
3828f
5
TEMPERATURE (
°C)
–50
700
600
500
400
300
200
100
0
25
75
3828 G07
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
1.5
1.3
1.1
0.9
0.7
0.5
3828 G08
37
35
33
31
29
3828 G09
80
78
76
74
72
70
3828 G10
VOUT = 5V
5.1
5.0
4.9
4.8
4.7
3828 G11
LOAD CURRENT (A)
0
–0.2
–0.1
4
3828 G12
–0.3
–0.4
1
2
3
5
0
FCB = 0V
VIN = 15V
FIGURE 14
DUTY FACTOR (%)
0
50
75
3828 G13
25
0
20
40
100
60
80
PERCENT ON NOMINAL OUTPUT VOLTAGE (%)
0
0.75
3828 G14
0.25
0.5
1.0
80
70
60
50
40
30
20
10
0
COMM0N MODE VOLTAGE (V)
0
70
75
4
3828 G15
65
60
1
2
3
5
80
VPLLFLTR = 2.4V
VPLLFLTR = 1.2V
VPLLFLTR = 0V
Oscillator Frequency vs
Temperature
TRCKSS Current vs Temperature
Current Sense Pin Input Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Maximum Current Sense
Threshold vs Temperature
Load Regulation
INTVCC Voltage vs Temperature
TA = 25°C unless otherwise noted.
Maximum Current Sense
Threshold vs Duty Factor
Maximum Current Sense
Threshold vs Percent of Nominal
Output Voltage (Foldback)
Maximum Current Sense
Threshold vs Sense Common
Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com