Electronic Components Datasheet Search
  English  ▼

X  

LTC3828 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3828
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3828 Datasheet HTML 24Page - Linear Technology LTC3828 Datasheet HTML 25Page - Linear Technology LTC3828 Datasheet HTML 26Page - Linear Technology LTC3828 Datasheet HTML 27Page - Linear Technology LTC3828 Datasheet HTML 28Page - Linear Technology LTC3828 Datasheet HTML 29Page - Linear Technology LTC3828 Datasheet HTML 30Page - Linear Technology LTC3828 Datasheet HTML 31Page - Linear Technology LTC3828 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC3828
3828f
PART NUMBER
DESCRIPTION
COMMENTS
LTC1628/LTC1628-PG/
2-Phase, Dual Output Synchronous Step-Down
Reduces CIN and COUT, Power Good Output Signal, Synchronizable,
LTC1628-SYNC
DC/DC Controller
3.5V
≤ VIN ≤ 36V, IOUT up to 20A, 0.8V ≤ VOUT ≤ 5V
LTC1629/
20A to 200A PolyPhase
TM Synchronous Controllers
Expandable from 2-Phase to 12-Phase, Uses All
LTC1629-PG
Surface Mount Components, No Heat Sink, VIN up to 36V
LTC1702A
No RSENSE 2-Phase Dual Synchronous Step-Down
550kHz, No Sense Resistor
Controller
LTC1708-PG
2-Phase, Dual Synchronous Controller with Mobile VID
3.5V
≤ VIN ≤ 36V, VID Sets VOUT1, PGOOD
LT1709/
High Efficiency, 2-Phase Synchronous Step-Down
1.3V
≤ VOUT ≤ 3.5V, Current Mode Ensures
LT1709-8
Switching Regulators with 5-Bit VID
Accurate Current Sharing, 3.5V
≤ VIN ≤ 36V
LTC1735
High Efficiency Synchronous Step-Down
Output Fault Protection, 16-Pin SSOP
Switching Regulator
LTC1778/LTC1778-1
No RSENSE Current Mode Synchronous Step-Down
Up to 97% Efficiency, 4V
≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ (0.9)(VIN),
Controllers
IOUT up to 20A
LTC1929/
2-Phase Synchronous Controllers
Up to 42A, Uses All Surface Mount Components,
LTC1929-PG
No Heat Sinks, 3.5V
≤ VIN ≤ 36V
LTC3708
Dual, 2-Phase, DC/DC Controller with Output Tracking
Current Mode, No RSENSE, Up/Down Tracking, Synchronizable
LTC3711
No RSENSE Current Mode Synchronous Step-Down
Up to 97% Efficiency, Ideal for Pentium
® III Processors,
Controller with Digital 5-Bit Interface
0.925V
≤ VOUT ≤ 2V, 4V ≤ VIN ≤ 36V, IOUT up to 20A
LTC3728
Dual, 550kHz, 2-Phase Synchronous Step-Down
Dual 180
° Phased Controllers, VIN 3.5V to 35V, 99% Duty Cycle,
Controller
5x5QFN, SSOP-28
LTC3729
20A to 200A, 550kHz PolyPhase Synchronous Controller
Expandable from 2-Phase to 12-Phase, Uses all Surface Mount
Components, VIN up to 36V
LTC3731
3- to 12-Phase Step-Down Synchronous Controller
60A to 240A Output Current, 0.6V
≤ VOUT ≤ 6V, 4.5V ≤ VIN ≤ 32V
LTC3770
Fast, No RSENSE Step-Down Synchronous Controller
± 0.67% 0.6V Reference Voltage; Programmable Margining; True
with Margining, Tracking, PLL
Current Mode; 4V
≤ VIN ≤ 32V
No RSENSE and PolyPhase are trademarks of Linear Technology Corporation. Pentium is a registered trademark of Intel Corporation.
RELATED PARTS
TYPICAL APPLICATIO
Figure 16. Multioutput PolyPhase Application
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT/TP 0405 500 • PRINTED IN USA
PHASMD
CLKOUT
TG1
TG2
0
°
I1
I3
I2
I4
90
°
OPEN
180
°
U1
LTC3729
BUCK: 2.5V/15A
BUCK: 2.5V/15A
PLLIN
TG1
TG2
90
°
90
°
270
°
U2
LTC3828
BUCK: 1.5V/15A
2.5VO/30A
CIN
IIN
12VIN
*INPUT RIPPLE CURRENT CANCELLATION
INCREASES THE RIPPLE FREQUENCY AND
REDUCES THE RMS INPUT RIPPLE CURRENT
THUS, SAVING INPUT CAPACITORS
IIN*
1.5VO/15A
1.8VO/15A
3828 F16
BUCK: 1.8V/15A
I1
I2
I3
I4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com