Electronic Components Datasheet Search
  English  ▼

X  

LTC3828 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3828
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 1 Page - Linear Technology

  LTC3828 Datasheet HTML 1Page - Linear Technology LTC3828 Datasheet HTML 2Page - Linear Technology LTC3828 Datasheet HTML 3Page - Linear Technology LTC3828 Datasheet HTML 4Page - Linear Technology LTC3828 Datasheet HTML 5Page - Linear Technology LTC3828 Datasheet HTML 6Page - Linear Technology LTC3828 Datasheet HTML 7Page - Linear Technology LTC3828 Datasheet HTML 8Page - Linear Technology LTC3828 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC3828
3828f
1
High Efficiency Dual 2.5V/3.3V Step-Down Converter with Tracking
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Dual, 2-Phase Step-Down
Controller with Tracking
■
Dual, 180
° Phased Controllers Reduce Required
Input Capacitance and Power Supply Induced Noise
■ Tracking for Both Outputs
■
Constant Frequency Current Mode Control
■ Wide VIN Range: 4.5V to 28V Operation
■ Power Good Output Voltage Indicator
■
Adjustable Soft-Start Current Ramping
■ Foldback Output Current Limiting–
Disabled at Start-Up
■
No Reverse Current During Soft-Start Interval
■ Clock Output for 3-, 4-, 6-Phase Operation
■ Dual N-Channel MOSFET Synchronous Drive
■
±1% Output Voltage Accuracy
■ Phase-Lockable Fixed Frequency 260kHz to 550kHz
■ OPTI-LOOP
® Compensation Minimizes COUT
■
Very Low Dropout Operation: 99% Duty Cycle
■ Output Overvoltage Protection
■ Small 28-Lead SSOP and 5mm
× 5mm QFN
Packages
The LTC
®3828 is a dual high performance step-down
switching regulator controller that drives all N-channel
synchronous power MOSFET stages. A constant fre-
quency current mode architecture allows for a phase-
lockable frequency of up to 550kHz. The TRCKSS pin
provides both soft-start and tracking functions. Multiple
LTC3828s can be daisy-chained in applications requiring
more than two voltages to be tracked.
OPTI-LOOP compensation allows the transient response
to be optimized over a wide range of output capacitance and
ESR values. The precision 0.8V reference and power good
output indicator are compatible with a wide 4.5V to 28V
(30V maximum) input supply range, encompassing all bat-
tery chemistries.
The RUN pins control their respective channels indepen-
dently. The FCB/PLLIN pin selects among Burst Mode
®
operation, skip-cycle mode and continuous current mode.
Current foldback limits MOSFET dissipation during short-
circuit conditions. Reverse current and current foldback
functions are disabled during soft-start.
■ Telecom Infrastructure
■ ASIC Power Supply
■ Industry Equipment
+
4.7
µF
0.1
µF
63.4k 1%
1000pF
3.2
µH
220pF
1
µF
CERAMIC
22
µF
50V
CERAMIC
+
47
µF
4V
SP
0.01
Ω
20k
1%
20k
1%
15k
3.3V
5A
0.1
µF
0.1
µF
0.1
µF
42.5k
1%
3.2
µH
220pF
1000pF
+
56
µF
4V
SP
0.01
Ω
20k
1%
15k
2.5V
5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VOSENSE1
VOSENSE2
ITH1
ITH2
VIN PGOOD INTVCC
RUN1
RUN2
4.5V TO 28V
3828 TA01
LTC3828
FCB/PLLIN
500kHz
TRCKSS1
TRCKSS1
TRCKSS2
63.4k 1%
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178, 5705919, 5929620, 6144194, 6177787,
6304066, 6580258


Similar Part No. - LTC3828

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3828 LINER-LTC3828_15 Datasheet
384Kb / 32P
Dual, 2-Phase Step-Down Controller with Tracking
More results

Similar Description - LTC3828

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
11/06-Rev. 0 to Rev. A
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
6/07-Revision 0
logo
Linear Technology
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
Dual, 2-Phase Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Linear Technology
LT3742 LINER-LT3742_15 Datasheet
317Kb / 26P
Dual, 2-Phase Step-Down Switching Controller
LTC3828 LINER-LTC3828_15 Datasheet
384Kb / 32P
Dual, 2-Phase Step-Down Controller with Tracking
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
Dual, 2-Phase Synchronous Step-Down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com