Electronic Components Datasheet Search
  English  ▼

X  

LTC3828 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3828
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3828 Datasheet HTML 14Page - Linear Technology LTC3828 Datasheet HTML 15Page - Linear Technology LTC3828 Datasheet HTML 16Page - Linear Technology LTC3828 Datasheet HTML 17Page - Linear Technology LTC3828 Datasheet HTML 18Page - Linear Technology LTC3828 Datasheet HTML 19Page - Linear Technology LTC3828 Datasheet HTML 20Page - Linear Technology LTC3828 Datasheet HTML 21Page - Linear Technology LTC3828 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
LTC3828
3828f
APPLICATIO S I FOR ATIO
highest efficiency battery operated systems. Also con-
sider parallel ceramic and high quality electrolytic capaci-
tors as an effective means of achieving ESR and bulk
capacitance goals.
In continuous mode, the source current of the top N-chan-
nel MOSFET is a square wave of duty cycle VOUT/VIN. To
prevent large voltage transients, a low ESR input capacitor
sized for the maximum RMS current of one channel must
be used. The maximum RMS capacitor current is given by:
C
quiredI
I
VV
V
V
IN
RMS
MAX
OUT
IN
OUT
IN
Re
/
≈
−
()
[]12
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that capacitor manufacturer’s
ripple current ratings are often based on only 2000 hours
of life. This makes it advisable to further derate the
capacitor, or to choose a capacitor rated at a higher
temperature than required. Several capacitors may also be
paralleled to meet size or height requirements in the
design. Always consult the manufacturer if there is any
question.
The benefit of the LTC3828 multiphase clocking can be
calculated by using the equation above for the higher
power controller and then calculating the loss that would
have resulted if both controller channels switched on at
the same time. The total RMS power lost is lower when
both controllers are operating due to the interleaving of
current pulses through the input capacitor’s ESR. This is
why the input capacitor’s requirement calculated above
for the worst-case controller is adequate for the dual
controller design. Remember that input protection fuse
resistance, battery resistance and PC board trace resis-
tance losses are also reduced due to the reduced peak
currents in a multiphase system.
The overall benefit of a
multiphase design will only be fully realized when the
source impedance of the power supply/battery is included
in the efficiency testing. The drains of the two top MOSFETS
should be placed within 1cm of each other and share a
common CIN(s). Separating the drains and CIN may pro-
duce undesirable voltage and current resonances at VIN.
The selection of COUT is driven by the required output
voltage ripple and load transient response. Both the ca-
pacitor effective series resistance (ESR) and capacitance
determine the output ripple:
∆V
I
ESR
fC
OUT
L
OUT
≈∆
+
⎛
⎝⎜
⎞
⎠⎟
•
1
8
Where f = operating frequency, COUT = output capacitance
and
∆IL = ripple current in the inductor. The output ripple
is highest at maximum input voltage since
∆IL increases
with input voltage.
Usually, ceramic capacitors are used to minimize the
output voltage ripple because of their ultralow ESR. Cur-
rently, multilayer ceramic capacitors have capacitor val-
ues up to hundreds of
µF. However, the capacitance of the
ceramic capacitors usually decreases with increased DC
bias voltage and ambient temperature. In general, X5R or
X7R type capacitors are recommended for high perfor-
mance solutions. The OPTI-LOOP current mode control of
LTC3828 provides stable, high performance transient
response even with all ceramic output capacitors. Manu-
factures such as TDK, Taiyo Yuden, Murata and AVX
provide high performance ceramic capacitors.
When high capacitance is needed, especially for load
transient requirement, low ESR polymerized electrolytic
capacitors such as Sanyo POSCAP or Panasonic SP
capacitor can be used in parallel with ceramic capacitors.
Other high performance electolytic capacitor manufactur-
ers include AVX, KEMET and NEC. With LTC3828, a
combination of ceramic and low ESR electrolytic capaci-
tors can provide a low ripple, fast transient, high density
and cost-effective solution. Consult manufacturers for
specific recommendations.
INTVCC Regulator
An internal P-channel low dropout regulator produces 5V
at the INTVCC pin from the VIN supply pin. INTVCC powers
the drivers and internal circuitry within the IC. The INTVCC
pin regulator can supply a peak current of 50mA and
must be bypassed to ground with a minimum of 4.7
µF
tantalum, 10
µF special polymer, or low ESR type electro-
lytic capacitor. A 1
µF ceramic capacitor placed directly
adjacent to the INTVCC and PGND IC pins is highly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com