Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3103 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATSAM3103
Description  ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3103 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATSAM3103 Datasheet HTML 4Page - ATMEL Corporation ATSAM3103 Datasheet HTML 5Page - ATMEL Corporation ATSAM3103 Datasheet HTML 6Page - ATMEL Corporation ATSAM3103 Datasheet HTML 7Page - ATMEL Corporation ATSAM3103 Datasheet HTML 8Page - ATMEL Corporation ATSAM3103 Datasheet HTML 9Page - ATMEL Corporation ATSAM3103 Datasheet HTML 10Page - ATMEL Corporation ATSAM3103 Datasheet HTML 11Page - ATMEL Corporation ATSAM3103 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
ATSAM3103
6093A–DRMSD–25-Oct-04
R|B
2
In
5
SmartMedia Ready Busy/ status
P0.13
2
In
5
General-purpose input pin
IRQ
8
Out
6
Slave 8-bit interface interrupt request. High when data is ready to be
transferred from chip to host. Reset by a read from host (CS = 0 and RD = 0)
SMRE
8
Out
6
SmartMedia read enable (RE), active low
FS0
8
In
6
Freq sense, sensed at power up. Together with FS1, allows the firmware
to know the operating freq of the chip (see FS1).
P0.8
8
I/O
6
General-purpose I/O pin
INT
8
Out
6
Serial slave synchronous interface data request, active low
MIDI_IN
9
In
7
Serial MIDI in
P0.14
9
In
7
General-purpose input pin
SDIN
9
In
7
Serial slave synchronous interface input data
MIDI_OUT
10
Out
8
Serial MIDI out
FS1
10
In
8
Freq sense, sensed at power up. FS1/FS0 allow firmware to know
operating frequency of chip as follows:
00
6.9552 MHz
01
9.6 MHz
10
11.2896 MHz
11
12.288 MHz
P0.9
10
I/O
8
General-purpose I/O
DABD3 - 0
42, 41, 40, 39
Out
-
Four stereo channels of digital audio output, I2S format
CLBD
6
Out
-
Audio bit clock for DABD3 - 0. Audio bit clock for DAAD3 - 0 if the
corresponding CLAD3 - 0 is not used.
WSBD
7
Out
-
Audio left/right channel select for DABD3 - 0. Audio left/right channel for
DAAD3 - 0 if the corresponding WSAD3 - 0 is not used.
CKOUT
5
Out
-
External DAC/Codec master clock. Same frequency as X2 pin. Can be
programmed to be 128 x Fs, 192 x Fs, 256 x Fs, 384 x Fs, where Fs is the
DAC/Codec sampling rate.
DAAD0
34
In
9
Stereo audio data input, I2S format. Can operate on CLBD master rate or
CLAD0 external rate when sampling rate conversion is requested.
P0.15
34
In
9
General-purpose input pin
DAAD3 - 1
38, 37 35
In
Pd
-
Three additional channels of stereo audio input, I2S format. Can
individually operate on CLBD master rate or corresponding CLAD3 - 1
when sampling rate conversion is requested.
DAAD3 - 1 have built-in pull-downs. They may be left open if not used.
MUTE
11
I/O
10
External DAC/Codec Mute. Sensed at power up. If found high, then MUTE
becomes an active high output. If found low, then MUTE becomes an
active low output.
P1.6
11
I/O
10
General-purpose I/O pin
SMCE
29
Out
11
SmartMedia chip enable (CE), active low
P1.5
29
I/O
11
General-purpose I/O pin
SMALE
28
Out
12
SmartMedia address latch enable (ALE)
Table 2. Pinout by Pin Name (Continued)
Pin Name
Pin Number
Type
Sharing Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com