Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3103 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATSAM3103
Description  ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3103 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATSAM3103 Datasheet HTML 2Page - ATMEL Corporation ATSAM3103 Datasheet HTML 3Page - ATMEL Corporation ATSAM3103 Datasheet HTML 4Page - ATMEL Corporation ATSAM3103 Datasheet HTML 5Page - ATMEL Corporation ATSAM3103 Datasheet HTML 6Page - ATMEL Corporation ATSAM3103 Datasheet HTML 7Page - ATMEL Corporation ATSAM3103 Datasheet HTML 8Page - ATMEL Corporation ATSAM3103 Datasheet HTML 9Page - ATMEL Corporation ATSAM3103 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
ATSAM3103
6093A–DRMSD–25-Oct-04
DSP Capacity and I/O Configuration
DSP Considerations
The ATSAM3103 includes three P24 DSPs.
Table 1 lists the performance levels achievable by the P24.
The ATSAM3103 runs firmware from built-in 16 x 24 RAM. The firmware should be
downloaded at power-up. This can be done from the following:
A small 256-kbit external EEPROM with SPI interface such as the Atmel AT25256
A DataFlash (current capacities range from 1 Mbit to 64 Mbits) if audio storage
functions are required
A SmartMedia card (supported capacities from 8 Mbytes to 128 Mbytes)
Parallel MPU type interface
I/O Selection
Considerations
I/Os are organized in groups that can be mutually exclusive because they share the
same IC pins (please refer to the pinout to identify the exclusions). The two main types
of operation are host controlled and stand-alone.
Host-controlled Operation
There are three main possible ways of communication with a host processor:
8-bit parallel MPU type bi-directional interface signals: D7 - D0, CS, WR, RD, A0,
IRQ
Asynchronous serial, MIDI_IN and, optionally, MIDI_OUT
Synchronous serial signals: SDIN, SCLK, SYNC, INT
The MPU type interface allows downloading firmware to the chip from the host. If
another interface is used, then external EEPROM or DataFlash is required.
Stand-alone Operation
Possible stand-alone modes are:
Firmware into external ROM or DataFlash
Firmware into external SmartMedia. In this case, the firmware should reside in the
SmartMedia reserved sectors starting at sector #1.
Table 1. P24 Performance Levels
Function
P24s Required
MP3 decode
3
Stereo reverb and chorus @48 kHz
1
31-band equalizer @96 kHz
3
Stereo 31-band equalizer @48 kHz
3
256 points FFT or IFFT @96 kHz incl. windowing
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com