Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3103 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSAM3103
Description  ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3103 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSAM3103 Datasheet HTML 14Page - ATMEL Corporation ATSAM3103 Datasheet HTML 15Page - ATMEL Corporation ATSAM3103 Datasheet HTML 16Page - ATMEL Corporation ATSAM3103 Datasheet HTML 17Page - ATMEL Corporation ATSAM3103 Datasheet HTML 18Page - ATMEL Corporation ATSAM3103 Datasheet HTML 19Page - ATMEL Corporation ATSAM3103 Datasheet HTML 20Page - ATMEL Corporation ATSAM3103 Datasheet HTML 21Page - ATMEL Corporation ATSAM3103 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
ATSAM3103
6093A–DRMSD–25-Oct-04
Figure 14. Digital Audio Frame Format, 192 x Fs and 384 x Fs Modes
Serial MIDI_IN and
MIDI_OUT
The serial MIDI IN and OUT signals are asynchronous signals following the MIDI trans-
mission standard:
•
Baud rate: 31.25 kHz
•
Format: start, 8 data bits, 1 stop
WSBD
DABD3 - 0
DAAD3 - 0
CLBD
MSB
LSB
16 bits
LSB
24 bits
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com