Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3103 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATSAM3103
Description  ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3103 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATSAM3103 Datasheet HTML 10Page - ATMEL Corporation ATSAM3103 Datasheet HTML 11Page - ATMEL Corporation ATSAM3103 Datasheet HTML 12Page - ATMEL Corporation ATSAM3103 Datasheet HTML 13Page - ATMEL Corporation ATSAM3103 Datasheet HTML 14Page - ATMEL Corporation ATSAM3103 Datasheet HTML 15Page - ATMEL Corporation ATSAM3103 Datasheet HTML 16Page - ATMEL Corporation ATSAM3103 Datasheet HTML 17Page - ATMEL Corporation ATSAM3103 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
ATSAM3103
6093A–DRMSD–25-Oct-04
Peripherals and Timings
Slave 8-bit Parallel
Interface
Pins used: D7-D0 (I/O), CS (input), A0 (input), WR (input), RD (input), IRQ (output).
This interface is typically used to connect the chip to a host processor.
Timings
Figure 8. Host Interface Read Cycle
Figure 9. Host Interface Write Cycle
Table 7. Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
tAVCS
Address valid to chip select low
0
-
-
ns
tCSLRDL
Chip select low to RD low
5
-
-
ns
tRDHCSH
RD high to CS high
5
-
-
ns
tPRD
RD pulse width
50
-
-
ns
t
RDLDV
Data out valid from RD
-
-
20
ns
t
DRH
Data out hold from RD
5
-
10
ns
t
CSLRWRL
Chip select low to WR low
5
-
-
ns
tWRHCSH
WR high to CS high
5
-
-
ns
tPWR
WR pulse width
50
-
-
ns
tDWS
Write data setup time
10
-
-
ns
t
DWH
Write data hold time
0
-
-
ns
A0
D0 - D7
tAVCS
tCSLRDL
tPRD
tRDHCSH
tRDLDV
tDRH
CS
RD
A0
D0 - D7
tAVCS
tCSLWRL
tPWR
tWRHCSH
tDWS
tDWH
CS
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com