Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3103 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSAM3103
Description  ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3103 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSAM3103 Datasheet HTML 7Page - ATMEL Corporation ATSAM3103 Datasheet HTML 8Page - ATMEL Corporation ATSAM3103 Datasheet HTML 9Page - ATMEL Corporation ATSAM3103 Datasheet HTML 10Page - ATMEL Corporation ATSAM3103 Datasheet HTML 11Page - ATMEL Corporation ATSAM3103 Datasheet HTML 12Page - ATMEL Corporation ATSAM3103 Datasheet HTML 13Page - ATMEL Corporation ATSAM3103 Datasheet HTML 14Page - ATMEL Corporation ATSAM3103 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
ATSAM3103
6093A–DRMSD–25-Oct-04
Mechanical Dimensions
Figure 7. Thin Plastic 64-lead Quad Flat Pack (TQFP64)
Table 4. Package Dimensions in mm
Denomination
Min
Nom
Max
A
1.40
1.50
1.60
A1
0.05
0.10
0.15
A2
1.35
1.40
1.45
L
0.45
0.60
0.75
D
12.00
D1
10.00
E
12.00
E1
10.00
P0.50
B
0.17
0.22
0.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com