Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3103 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSAM3103
Description  ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3103 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSAM3103 Datasheet HTML 6Page - ATMEL Corporation ATSAM3103 Datasheet HTML 7Page - ATMEL Corporation ATSAM3103 Datasheet HTML 8Page - ATMEL Corporation ATSAM3103 Datasheet HTML 9Page - ATMEL Corporation ATSAM3103 Datasheet HTML 10Page - ATMEL Corporation ATSAM3103 Datasheet HTML 11Page - ATMEL Corporation ATSAM3103 Datasheet HTML 12Page - ATMEL Corporation ATSAM3103 Datasheet HTML 13Page - ATMEL Corporation ATSAM3103 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
ATSAM3103
6093A–DRMSD–25-Oct-04
Pinout by Pin Number
Table 3. ATSAM3133 Pinout by Pin Number
Pin # Pin Name
Pin # Pin Name
Pin # Pin Name
Pin # Pin Name
1WR SMC P0.12
17
PWROUT
33
TEST
49
D0 I/O0 P0.0 WSAD0
2RD R|B P0.13
18
PWRIN
34
DAAD0 P0.15
50
D1 I/O1 P0.1 WSAD1
3
VC33
19
GND
35
DAAD1
51
D2 I/O2 P0.2 WSAD2
4GND
20
PDWN
36
GND
52
D3 I/O3 P0.3 WSAD3
5
CKOUT
21
DFSO
37
DAAD2
53
P1.11
6
CLBD
22
RESET
38
DAAD3
54
P1.12
7
WSBD
23
STIN
39
DABD0
55
D4 I/O4 P0.4 CLAD0
8
IRQ SMRE FS0 P0.8
24
STOUT
40
DABD1
56
D5 I/O5 P0.5 CLAD1
9
MIDI_IN P0.14 SDIN
25
GND
41
DABD2
57
GND
10
MIDI_OUT FS1 P0.9
26
SMCLE P1.2
42
DABD3
58
D6 I/O6 P0.7 CLAD2
11
MUTE P1.6
27
SMWE P1.3
43
GND
59
D7 I/O7 P0.7 CLAD3
12
VC18
28
SMALE P1.4
44
X2
60
A0 SMPD P0.10 SCLK
13
GND
29
SMCE P1.5
45
X1
61
P1.13
14
DFCS
30
P1.15
46
VC18
62
P1.14
15
DFSCK
31
VC18
47
LFT
63
VC18
16
DFSI
32
VC33
48
GND
64
CS P0.11 SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com