Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3103 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM3103
Description  ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3103 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM3103 Datasheet HTML 5Page - ATMEL Corporation ATSAM3103 Datasheet HTML 6Page - ATMEL Corporation ATSAM3103 Datasheet HTML 7Page - ATMEL Corporation ATSAM3103 Datasheet HTML 8Page - ATMEL Corporation ATSAM3103 Datasheet HTML 9Page - ATMEL Corporation ATSAM3103 Datasheet HTML 10Page - ATMEL Corporation ATSAM3103 Datasheet HTML 11Page - ATMEL Corporation ATSAM3103 Datasheet HTML 12Page - ATMEL Corporation ATSAM3103 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
ATSAM3103
6093A–DRMSD–25-Oct-04
P1.4
28
I/O
12
General-purpose I/O pin
SMWE
27
Out
13
SmartMedia write enable (WE), active low
P1.3
27
I/O
13
General-purpose I/O pin
SMCLE
26
Out
14
SmartMedia command latch enable (CLE)
P1.2
26
I/O
14
General-purpose I/O pin
DFCS
14
Out
-
DataFlash chip select
DFSI
16
Out
-
DataFlash serial input (to DataFlash)
DFSO
21
In
Pd
-
DataFlash serial output (from DataFlash). This pin has a built-in pull-
down. It may be left open if not used.
DFSCK
15
Out
-
DataFlash data clock
P1.15 - P1.11
30, 62, 61,
54, 53
I/O
Pu
-
Five General-purpose I/O pins. These pins have built-in pull-ups. They
may be left open if not used.
X1 - X2
45, 44
-
-
External crystal connection. Standard frequencies are 6.9552 MHz, 9.6
MHz, 11.2896 MHz, 12.288 MHz. Max frequency is 12.5 MHz. An external
clock (max. 1.8V
PP) can be connected to X1 using AC coupling (22 pF). A
built-in PLL multiplies the clock frequency by 4 for internal use.
LFT
47
-
-
PLL decoupling RCR filter
RESET
22
In
-
Master reset Schmitt trigger input, active low. RESET should be held low
during at least 10 ms after power is applied. On the rising edge of RESET,
the chip enters an initialization routine, which may involve firmware
download from an external SmartMedia, DataFlash or host.
STIN
23
In
Pd
-
Serial test input. This is a 57.6 Kbaud asynchronous input used for
firmware debugging. This pin is tested at power-up. The built-in debugger
starts if STIN is found high. STIN has a built-in pull-down. It should be
grounded or left open for normal operation.
STOUT
24
Out
-
Serial test output. 57.6 Kbaud async output used for firmware debugging.
PDWN
20
In
-
Power down input, active low. High level on this pin is typ. VC18. When
PDWN is low, the oscillator and PLL are stopped, the power switch opens,
and the chip enters a deep sleep mode (1 µA typ. consumption when
power switch is used). To exit from power down, PDWN has to be set high
then RESET applied. Alternate programmable power-downs are available
which allow warm restart of the chip.
TEST
33
In
Pd
-
Test input. Should be grounded or left open.
Table 2. Pinout by Pin Name (Continued)
Pin Name
Pin Number
Type
Sharing Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com