Electronic Components Datasheet Search
  English  ▼

X  

MSM65355 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM65355
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65355 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM65355 Datasheet HTML 1Page - OKI electronic componets MSM65355 Datasheet HTML 2Page - OKI electronic componets MSM65355 Datasheet HTML 3Page - OKI electronic componets MSM65355 Datasheet HTML 4Page - OKI electronic componets MSM65355 Datasheet HTML 5Page - OKI electronic componets MSM65355 Datasheet HTML 6Page - OKI electronic componets MSM65355 Datasheet HTML 7Page - OKI electronic componets MSM65355 Datasheet HTML 8Page - OKI electronic componets MSM65355 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
¡ Semiconductor
MSM65355
PIN DESCRIPTIONS
Basic Function
Digital power supply (5V)
Digital ground
79
–
Description
Function
Pin
Type
Power
68
–
Oscillator input pin: connects to a crystal oscillator (or ceramic
resonator) or external clock.
Oscillator
78
I
Oscillator output pin: connects to a crystal oscillator (or ceramic
resonator). When an external clock is input to OSC0, leave OSC1
open.
77
O
XT-side oscillator input pin: connects a crystal oscillator of
32.768kHz or 75kHz.
80
I
XT-side oscillator output pin: connects a crystal oscillator of
32.768kHz or 75kHz.
81
O
Analog power supply (5V)
Analog ground
21
–
31
–
Analog reference voltage
LCD drive bias output
96
–
30
–
LCD drive bias output
LCD drive bias output
98
–
97
–
Capacitor connecting pins for LCD drive bias generation
100
–
99
–
Ports
67
to
60
I/O 8-bit input-output port (port 1): input or output can be selected for
each bit by the port 1 direction register (P1DIR). In addition to their
input or output port functions, the pins of port 1 have secondary
functions: see Secondary Function.
Control
87
I
System reset input: when this pin goes low, the internal state of
the chip is initialized and program execution restarts from address
0040H. The input is pulled up to VDD with an internal pull-up
resistor.
76
to
69
I/O 8-bit input-output port (port 0): input or output can be selected for
each bit by the port 0 direction register (P0DIR). In addition to their
input-output port functions, the pins of port 0 have secondary
functions: see Secondary Function.
86
to
82
I/O 5-bit input-output port (port 2): input or output can be selected for
each bit by the port 2 direction register (P2DIR). In addition to their
input or output port functions, P2.0 and P2.1 have secondary
functions: see Secondary Function.
22
to
29
I
8-bit input port (port3): during A/D conversion, the pins of port 3
function as analog input channels.
51
to
44
I/O 8-bit input-output port (port 4).
43
to
36
I/O 8-bit input-output port (port 5): input or output can be selected for
each bit by the port 5 direction register (P5DIR).
GND
Symbol
VDD
OSC0
OSC1
XT
XT
AGND
AVDD
VDD1
VRH
VDD3
VDD2
C2
C1
P1.0
to
P1.7
RESET
P0.0
to
P0.7
P2.0
to
P2.4
P3.0
to
P3.7
P4.0
to
P4.7
P5.0
to
P5.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com