Electronic Components Datasheet Search
  English  ▼

X  

MSM65355 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM65355
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65355 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM65355 Datasheet HTML 2Page - OKI electronic componets MSM65355 Datasheet HTML 3Page - OKI electronic componets MSM65355 Datasheet HTML 4Page - OKI electronic componets MSM65355 Datasheet HTML 5Page - OKI electronic componets MSM65355 Datasheet HTML 6Page - OKI electronic componets MSM65355 Datasheet HTML 7Page - OKI electronic componets MSM65355 Datasheet HTML 8Page - OKI electronic componets MSM65355 Datasheet HTML 9Page - OKI electronic componets MSM65355 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6/18
¡ Semiconductor
MSM65355
Basic Function (Continued)
Description
Function
Pin
Type
88
I
1-bit input port (port 6.0)
89
O
1-bit output port (port 6.1). After reset, this port is pulled up to 1.
During reset, if this port is forcibly cleared to 0, this IC goes into test
mode, disabling execution of the use program.
90
to
95
I/O 6-bit input-output port (port6)
52
to
59
I/O 8-bit input-output port (port7): input or output can be selected for
each bit by the port 7 direction register (P7DIR). In addition to their
input or output port functions, P7.4 to P7.7 pins have secondary
functions: see Secondary Function.
32
to
35
I/O 8-bit input-output port (port8): Input or output can be selected for
each bit by the port 8 direction register (P8DIR).
LCD
Driver
1
to
4
O
LCD common signal output pin
5
to
20
O
LCD segment signal output pin
Ports
Symbol
P6.0
P6.1
(TEST)
P6.2
to
P6.7
P7.0
to
P7.7
P8.0
to
P8.3
COM1
to
COM4
SEG0
to
SEG15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com