Electronic Components Datasheet Search
  English  ▼

X  

MSM65355 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM65355
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65355 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM65355 Datasheet HTML 3Page - OKI electronic componets MSM65355 Datasheet HTML 4Page - OKI electronic componets MSM65355 Datasheet HTML 5Page - OKI electronic componets MSM65355 Datasheet HTML 6Page - OKI electronic componets MSM65355 Datasheet HTML 7Page - OKI electronic componets MSM65355 Datasheet HTML 8Page - OKI electronic componets MSM65355 Datasheet HTML 9Page - OKI electronic componets MSM65355 Datasheet HTML 10Page - OKI electronic componets MSM65355 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
¡ Semiconductor
MSM65355
Secondary Function
Description
Function
Pin
Type
External
interrupt
76
I
Secondary function of P0.0: input pin for external interrupt 0.
The interrupt can be triggered by the rising edge, falling edge, or
both edges.
72
I
Secondary function of P0.4: input pin for external interrupt 1.
The interrupt can be triggered by the rising edge, falling edge, or
both rising and falling edges. Also used as a gate signal input pin
for gating the counter of timer 0.
75
I
Secondary function of P0.1: input pin for hard stop mode. If this
pin goes low while the HSTP bit in SBYCON is set to "1", the chip
enters hard stop mode. In hard stop mode the clock stops and the
CPU and on-chip peripheral functions shut down to conserve
power.
Control
73
I
Secondary function of P0.3: external clock input pin for timer 0.
Timer 0
64
O
Secondary function of P1.3: PWM channel 0 output pin.
PWM
71
O
Secondary function of P0.5: clock output pin for 1/2 dividing or 1/4
dividing of OSCCLK or XTCLK.
Clock
Output
69
O
Secondary function of P0.7: buzzer output pin
Buzzer
Output
83
I
Secondary function of P2.3: input pin for external interrupt 2.
The interrupt can be triggered by the rising edge, falling edge, or
both rising and falling edges.
74
O
Secondary function of P0.2: This pin outputs a waveform with twice the
cycle of the overflow interval of timer 1.
Timer 1
70
I
Secondary function of P0.6: external clock input pin for timer 2.
Timer 2
22
to
29
I
Secondary function of P3.0 to P3.7: These pins function as analog input
channel in A/D conversion.
A/D
Converter
65
O
Secondary function of P1.2: PWM channel 1 output pin.
66
O
Secondary function of P1.1: PWM channel 2 output pin.
67
O
Secondary function of P1.0: PWM channel 3 output pin.
56
O
Secondary function of P7.4: XTCLK output pin.
63
I
Secondary function of P1.4: remote control input pin.
Remote
Control
Input
Symbol
INT0
INT1
HSTOP
T0CK
PWM0
CLKOUT
BZ
INT2
T1OUT
T2CK
AI0
to
AI7
PWM1
PWM2
PWM3
XTOUT
INTRMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com