Electronic Components Datasheet Search
  English  ▼

X  

MSM65355 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM65355
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65355 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM65355 Datasheet HTML 4Page - OKI electronic componets MSM65355 Datasheet HTML 5Page - OKI electronic componets MSM65355 Datasheet HTML 6Page - OKI electronic componets MSM65355 Datasheet HTML 7Page - OKI electronic componets MSM65355 Datasheet HTML 8Page - OKI electronic componets MSM65355 Datasheet HTML 9Page - OKI electronic componets MSM65355 Datasheet HTML 10Page - OKI electronic componets MSM65355 Datasheet HTML 11Page - OKI electronic componets MSM65355 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8/18
¡ Semiconductor
MSM65355
Secondary Function (Continued)
Description
Function
Pin
Type
Shift
Register
84
O
Secondary function of P2.2: shift register 0 data output pin.
85
I
Secondary function of P2.1: shift register 0 data input pin.
86
I/O Secondary function of P2.0: shift register 0 synchronizing clock
input-output pin.
In master mode: clock output
In slave mode: clock input
60
O
Secondary function of P1.7: shift register 1 data output pin.
61
I
Secondary function of P1.6: shift register 1 data input pin.
62
I/O Secondary function of P1.5: shift register 1 synchronizing clock
input-output pin.
In master mode: clock output
In slave mode: clock input
59
O
Secondary function of P7.7: shift register 2 data output pin.
58
I
Secondary function of P7.6: shift register 2 data input pin.
57
I/O Secondary function of P7.5: shift register 2 synchronizing clock
input-output pin.
In master mode: clock output
In slave mode: clock input
Symbol
SFTO0
SFTI0
SFTCK0
SFTO1
SFTI1
SFTCK1
SFTO2
SFTI2
SFTCK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com