Electronic Components Datasheet Search
  English  ▼

X  

MSM65355 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM65355
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65355 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM65355 Datasheet HTML 5Page - OKI electronic componets MSM65355 Datasheet HTML 6Page - OKI electronic componets MSM65355 Datasheet HTML 7Page - OKI electronic componets MSM65355 Datasheet HTML 8Page - OKI electronic componets MSM65355 Datasheet HTML 9Page - OKI electronic componets MSM65355 Datasheet HTML 10Page - OKI electronic componets MSM65355 Datasheet HTML 11Page - OKI electronic componets MSM65355 Datasheet HTML 12Page - OKI electronic componets MSM65355 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/18
¡ Semiconductor
MSM65355
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Power Supply Voltage
VDD
–0.3 to +7.0
Symbol
Condition
Rating
Ta=25°C
Input Voltage
VI
–0.3 to VDD+0.3
Output Voltage
VO
–0.3 to VDD+0.3
Power Dissipation
PD
400
Ta=25°C, per package
50
Ta=25°C, per output
Storage Temperature
TSTG
–55 to +150
—
V
mW
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Unit
Power Supply Voltage
VDD
2.7 to 5.5
Symbol
Condition
Range
—
Memory Hold Voltage
VDDMH
2.0 to 5.5
Oscillation Operating
Frequency*1
fOSC
1 to 10
External Clock Operating
Frequency
fEXTCLK
32.768/75
VDD=2.7 to 5.5
0 to 10
—
Operating Temperature
Top
–20 to +70
—
V
MHz
°C
fOSC=0 Hz
—
fXT
kHz
MHz
*1
*2
*1 Depends on specifications for a crystal or ceramic resonator.
*2 External clock cannot be used for XT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com