Electronic Components Datasheet Search
  English  ▼

X  

MSM65355 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM65355
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65355 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM65355 Datasheet HTML 6Page - OKI electronic componets MSM65355 Datasheet HTML 7Page - OKI electronic componets MSM65355 Datasheet HTML 8Page - OKI electronic componets MSM65355 Datasheet HTML 9Page - OKI electronic componets MSM65355 Datasheet HTML 10Page - OKI electronic componets MSM65355 Datasheet HTML 11Page - OKI electronic componets MSM65355 Datasheet HTML 12Page - OKI electronic componets MSM65355 Datasheet HTML 13Page - OKI electronic componets MSM65355 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/18
¡ Semiconductor
MSM65355
ELECTRICAL CHARACTERISTICS
DC Characteristics 1 (VDD=4.5 to 5.5V)
(GND=0V, Ta=–20 to +70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
"H" Input Voltage
VIH1
CPUCLK=1MHz
2.4
—
—
"H" Input Voltage
VIH2
CPUCLK=1MHz
0.75VDD
——
"L" Input Voltage
VIL
CPUCLK=1MHz
—
—
0.8
"H" Output Voltage 1
VOH1
IOH=–200mA
0.75VDD
——
"H" Output Voltage 2
VOH2
IOH=–400mA
0.75VDD
——
"L" Output Voltage 1
VOL1
IOL=1.6mA
—
—
0.4
"L" Output Voltage 2
VOL2
IOL=3.2mA
—
—
0.4
Input Leakage Current
ILI2
VI=VDD/0V
—
—
±10
"L" Input Current
IIL
VI=0V, VDD=5V
–40
–200
–400
Input Capacitance
CI
f=1MHz, Ta=25°C
—
5
—
V
mA
pF
IDD1
Stop mode
—
15
30
mA
*1
*2
*3
*4
*3
*4
*5
*6
IDD2
CPUCLK=32kHz,
halt mode
—30
60
mA
IDD3
CPUCLK=32kHz,
no load
—
80
160
mA
IDD4
CPUCLK=10MHz,
halt mode
—8
16
mA
IDD5
CPUCLK=10MHz,
no load
—20
50
mA
*7
*8
*9
Operating Current
Consumption
VDD = 5V
XT
= 32kHz
OSC = 10MHz
VDD1
VDD2
VDD3
V0
V1
V2
V3
VDD=5V
C1, C2, C3=0.1mF
VSEL=0 (5V mode)
I=+10mA
VDD1=1.4V, I=±10mA
VDD2=2.8V, I=±10mA
VDD3=4.2V, I=–10mA
1.2
2.6
4.0
1.4
2.8
4.2
——
VDD1–0.4
VDD2–0.4
VDD3–0.4
—
—
—
0.4
VDD1+0.4
VDD2+0.4
—
—
—
—
LCD Driving Bias
Output Voltage
Segment/Common
Driving Output Voltage
*1 Excluding OSC0 and RESET
*2 OSC0 and RESET
*3 Excluding P4
*4 P4
*5 Excluding RESET
*6 RESET
*7 No load, including hard stop mode
*8 When OSC clock is stopped and LCD is operating
*9 When OSC clock is stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com