Electronic Components Datasheet Search
  English  ▼

X  

MSM65355 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM65355
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65355 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM65355 Datasheet HTML 1Page - OKI electronic componets MSM65355 Datasheet HTML 2Page - OKI electronic componets MSM65355 Datasheet HTML 3Page - OKI electronic componets MSM65355 Datasheet HTML 4Page - OKI electronic componets MSM65355 Datasheet HTML 5Page - OKI electronic componets MSM65355 Datasheet HTML 6Page - OKI electronic componets MSM65355 Datasheet HTML 7Page - OKI electronic componets MSM65355 Datasheet HTML 8Page - OKI electronic componets MSM65355 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
¡ Semiconductor
MSM65355
¡ Semiconductor
MSM65355
8-Bit Microcontroller with A/D Converter (with LCD Driver)
GENERAL DESCRIPTION
The MSM65355 is a high-performance 8-bit microcontroller that employs OKI original nX-8/50
CPU core. The MSM65355 includes 16K bytes of program memory, 384 bytes of data memory,
an LCD driver, an A/D converter and shift registers. Also available is the MSM65P355, which
replace the on-chip program memory with one-time PROM.
FEATURES
• Operating range
Operating voltage
:
2.7 to 5.5V
Operating temperature
:
–20 to +70
°C
Operating frequency (dual clock)
High speed side
:
0 to 10MHz (@ VDD = 5V ± 10%)
0 to 10MHz (@ VDD = 2.7 to 5.5V)
Low speed side
:
75kHz/32.768kHz (@ VDD = 2.7 to 5.5V)
Current consumption (Typ.)
High speed side
:
5mA (@ 5MHz, VDD = 3V),
20mA (@ 10MHz, VDD=5V)
Low speed side
:
45mA (@ 32.768kHz, VDD = 3V)
4mA (@ VDD = 3V, stop mode)
• Minimum instruction execution time
:
400ns (@ 10MHz), 800ns (@ 5MHz)
• CPU core
:
8-bit CPU core nX-8/50
• General memory space
:
Internal 16K-byte program memory
• Local memory space
:
Internal 384-byte data memory + SFR
• LCD driver
:
16 ¥ 4 (1/4, 1/3, and 1/2 duties are
selectable with software.)
• I/O port
Input-output port
:
5 ports ¥ 8 bits, 1 port ¥ 6 bits,
1 port ¥ 5 bits, 1 port ¥ 4 bits
Input port
:
1 port ¥ 8 bits, 1 port ¥ 1 bit
Output port
:
1 port ¥ 1 bit
• Timers
:
8-bit auto-reload timer ¥ 4 (clock for PWM
frequency setting, shift clock for shift
register)
16-bit auto-reload timer ¥ 1
Watchdog timer ¥ 1
Watch timer counter ¥ 1
• Counters
:
Time base counter ¥ 1 (14-bit)
• PWM
:
4ch 8-bit duty, frequency 1Hz to 80kHz
(@ 10MHz)
• Buzzer output
:
1, selectable at 1600Hz, 3200Hz and 6400Hz
(@ 10MHz)
• Serial port
:
Synchronous with auto-transfer function ¥ 1
Synchronous ¥ 2
E2E1021-27-Y3
This version: Jan. 1998
Previous version: Nov. 1996


Similar Part No. - MSM65355

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
MSM65352B OKI-MSM65352B Datasheet
110Kb / 15P
8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
MSM65353A OKI-MSM65353A Datasheet
137Kb / 20P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
More results

Similar Description - MSM65355

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
8-bit Microcontroller with A/D Converter
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
8-bit Microcontroller with A/D converter
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
8-bit Microcontroller with LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com