Electronic Components Datasheet Search
  English  ▼

X  

BMP388 Datasheet(PDF) 8 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 8 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 12Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
8 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
2.
Absolute maximum ratings
The absolute maximum ratings are provided in Table 3 .
Table 3: Absolute maximum ratings
Parameter
Symbol
Condition
Min
Max
Unit
Voltage at any supply pin
VDD and VDDIO Pin
-0.3
3.8
V
Voltage at any interface pin
Vss -0.3
VDDIO + 0.3
V
Storage temperature
≤ 65% rel. H.
-45
+85
°C
Overpressure survivability
POVER
2 000 000
Pa
Mechanical shock
MS
MIL-STD-883H
2002.5
12000
g
Maximum allowable dust particle
inside package
DustMAX
ISO 12103-1 A2
3005
µm
ESD
Charge device model
(CDM)
Class
C2a:
500V to
<750V
Human body model
(HBM)
Class 2:
2 kV
Note: Stresses above these listed maximum ratings may cause permanent damage to the device. Exposure beyond specified
electrical characteristics (Table 2) may affect device reliability or cause malfunction.
3.
Functional description
The BMP388 consists of a Piezo-resistive pressure sensing element and a mixed-signal ASIC. The ASIC performs A/D
conversions and provides the conversion results and sensor specific compensation data through a digital interface.
BMP388 provides highest flexibility to the designer and can be adapted to the requirements regarding accuracy,
measurement time and power consumption by selecting from a high number of possible combinations of the sensor settings.
BMP388 can be operated in three power modes (see section 3.3):
sleep mode
|
normal mode
|
forced mode
In sleep mode, no measurements are performed. Normal mode comprises an automated perpetual cycling between an active
measurement period and an inactive standby period. In forced mode, a single measurement is performed. When the
measurement is finished, the sensor returns to sleep mode.
5 Defined by hole size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com