Electronic Components Datasheet Search
  English  ▼

X  

BMP388 Datasheet(PDF) 47 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 47 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 51Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
47 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
6.3.
Connection diagram I²C
Figure 25: I²C connection diagram (Pin1 marking indicated)
Notes:
the recommended value for C1, C2 is 100 nF and for R1, R2 is 4.7 kΩ.
*: It is recommended to connect the BMP388 CSB pin to programmable pin which drives VDDIO at POR of device
(see Chapter 5.1)
4
SDI
9
VSS
8
VSS
10
VDD
5
SDO
3
VSS
1
VDDIO
2
SCK
7
INT
6
CSB
Pin 1
indicator
Port hole
TOP VIEW
(pads not visible)
VDDIO
VDD
C2
I²C Address Pin Select
Addr.: 111011X
(Connect to VSS, X=‘0’)
(Connect to VDDIO, X=‘1’)
INT
VSS= GND
VSS= GND
C1
R1
SCL
SDA
VDDIO
R2
VDDIO
VDDIO*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com